データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1267 データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1267
部品情報  150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1267 データシート(HTML) 5 Page - National Semiconductor (TI)

  LM1267 Datasheet HTML 1Page - National Semiconductor (TI) LM1267 Datasheet HTML 2Page - National Semiconductor (TI) LM1267 Datasheet HTML 3Page - National Semiconductor (TI) LM1267 Datasheet HTML 4Page - National Semiconductor (TI) LM1267 Datasheet HTML 5Page - National Semiconductor (TI) LM1267 Datasheet HTML 6Page - National Semiconductor (TI) LM1267 Datasheet HTML 7Page - National Semiconductor (TI) LM1267 Datasheet HTML 8Page - National Semiconductor (TI) LM1267 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
External Interface Signals Electrical Characteristics (Continued)
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200 pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 6: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The supply current specified is the quiescent current for VCC with RL = . Load resistors are not required and are not used in the test circuit, therefore all
the supply current is used by the pre-amp.
Note 9: Linearity Error is the variation in step height of a 16 step staircase input signal waveform with 0.7 VP-P level at the input, subdivided into 16 equal steps,
with each step approximately 100 ns in width.
Note 10: Input from signal generator: tr,tf < 1 ns. Scope and generator response used for testing: tr = 1.1 ns, tf = 0.9 ns. Using the RSS technique the scope and
generator response have been removed from the output rise and fall times.
Note 11:
∆AV track is a measure of the ability of any two amplifiers to track each other and quantifies the matching of the three gain stages. It is the difference in
gain change between any two amplifiers with the contrast set to AV 12 and measured relative to the AV max condition. For example, at AV max the three amplifiers’
gains might be 12.1 dB, 11.9 dB, and 11.8 dB and change to 2.2 dB, 1.9 dB and 1.7 dB respectively for contrast set to AV 12. This yields a typical gain change of
10.0 dB with a tracking change of ±0.2 dB.
Note 12: ABL should provide smooth decrease in gain over the operational range of 0 dB to –6 dB
∆A
ABL = A(VABL =VABL Max Gain) − A(VABL =VABL Min Gain)
Beyond –6 dB the gain characteristics, linearity, pulse response, and/or behavior may depart from normal values.
Note 13: Adjust input frequency from 10 MHz (AV max reference level) to the −3 dB corner frequency (f−3 dB).
Note 14: Measure output levels of the other two undriven amplifiers relative to the driven amplifier to determine channel separation. Terminate the undriven amplifier
inputs to simulate generator loading. Repeat test at fIN = 10 MHz for Vsep 10 MHz.
Note 15: A minimum pulse width of 200 ns is guaranteed for a horizontal line of 15 kHz. This limit is guaranteed by design. If a lower line rate is used then a longer
clamp pulse may be required.
Note 16: The video black level is used for this test. OSD amplitude is measured from the video black level to the OSD white level.
Note 17: Limits met by matching the external resistor going to pin 24 to the H Flyback voltage.
Typical Performance Characteristics V
CC =5V, TA = 25˚ unless otherwise specified.
Gain Attenuation
DS200050-2
Contrast Attenuation
DS200050-3
ABL Attenuation
DS200050-4
Output Waveform
DS200050-5
www.national.com
5


同様の部品番号 - LM1267

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM126 NSC-LM126 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262NA NSC-LM1262NA Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
   Carbonyl Powder
LM1265HP100MG-D LEIDITECH-LM1265HP100MG-D Datasheet
1Mb / 6P
   Carbonyl Powder
More results

同様の説明 - LM1267

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com