データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1267NA データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1267NA
部品情報  150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1267NA データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1267NA Datasheet HTML 6Page - National Semiconductor (TI) LM1267NA Datasheet HTML 7Page - National Semiconductor (TI) LM1267NA Datasheet HTML 8Page - National Semiconductor (TI) LM1267NA Datasheet HTML 9Page - National Semiconductor (TI) LM1267NA Datasheet HTML 10Page - National Semiconductor (TI) LM1267NA Datasheet HTML 11Page - National Semiconductor (TI) LM1267NA Datasheet HTML 12Page - National Semiconductor (TI) LM1267NA Datasheet HTML 13Page - National Semiconductor (TI) LM1267NA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Pin Descriptions (Continued)
Pin No.
Pin Name
Schematic
Description
18
19
20
Blue Video Out
Green Video Out
Red Video Out
Video outputs of the LM1267. The ideal
driver for this part is the LM246X CRT driver
family, which has the necessary gain of 26
dB or 20 V/V.
21
V
Ref Out
A 0.1 µF capacitor must be placed close to
this pin for decoupling the internal V
Ref. This
pin may be used for an external voltage
reference with proper buffering.
22
ABL
The Auto Beam Limit control reduces the
gain of the video amplifier in response to a
control voltage proportional to the CRT beam
current. The ABL acts identically on all three
channels. ABL is required for CRT life and
X-ray protection.
23
Clamp Pulse
This input accepts a standard TTL or CMOS
input. The signal can be either positive or
negative going. The polarity is set in register
0Bh bit-3. The signal activates the clamp
pulse for DC restoration of the video input.
The AC coupling capacitors at the video
inputs are used for holding the DC correction
voltage, eliminating the need for additional
capacitors.
24
H Flyback
H flyback is an analog signal input from the
monitor horizontal scan. The LM1267 is able
to generate an accurate blanking pulse in
the video outputs from this input. The
horizontal flyback from the monitor must be
a clean signal, with no ringing or other noise
on the signal.
www.national.com
10


同様の部品番号 - LM1267NA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM126 NSC-LM126 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262NA NSC-LM1262NA Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
   Carbonyl Powder
LM1265HP100MG-D LEIDITECH-LM1265HP100MG-D Datasheet
1Mb / 6P
   Carbonyl Powder
More results

同様の説明 - LM1267NA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com