データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMP1322 データシート(PDF) 5 Page - Skyworks Solutions Inc.

部品番号 SMP1322
部品情報  Low Resistance, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1322 データシート(HTML) 5 Page - Skyworks Solutions Inc.

  SMP1322_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DATA SHEET • SMP1322 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200049S • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
5
3
2
1
0.031 (0.80 mm) Min.
0.039 (1.00 mm) Max.
0.000 (0.00 mm) Min.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.016 (0.40 mm) Max.
0.071 (1.80 mm) Min.
0.087 (2.20 mm) Max.
0.071 (1.80 mm) Min.
0.094 (2.40 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.026 (0.65 mm) Ref.
0.051 (1.30 mm) Ref.
0.004 (0.10 mm) Min.
0.007 (0.18 mm) Max.
0.004 (0.10 mm) Min.
0.012 (0.30 mm) Max.
0.014 (0.35 mm) Ref.
S1653
Dimensions are in inches (millimeters shown in parentheses)
Figure 6. SC-70 Package Dimension Drawing
4.00
(See Note 1)
1.00
2.25 (Ao)
4.00
2.00
1.75 ± 0.10
A
A
A
T ± 0.05
1.19 (Ko)
0.59
∅0.76 Min.
∅1.50 +0.1/–0
Pin 1
R 0.3 Typ.
S1685c
2.00 ± 0.05
(See Note 3)
R 0.20 Max.
Notes:
1. Sprocket hole pitch cumulative tolerance ±0.2.
2. Carrier tape: black conductive polystyrene.
3. Pocket position relative to sprocket hole measured
as true position of pocket, not pocket hole.
4. Cover tape material: transparent conductive PSA with 9.2 mm width.
5. All measurements are in millimeters.
Figure 7. SC-70 Tape and Reel Dimensions


同様の部品番号 - SMP1322_15

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMP1322-001 ALPHA-SMP1322-001 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-004 ALPHA-SMP1322-004 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-005 ALPHA-SMP1322-005 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-007 ALPHA-SMP1322-007 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-011 ALPHA-SMP1322-011 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
More results

同様の説明 - SMP1322_15

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1322 ALPHA-SMP1322 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com