データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744066330 データシート(PDF) 7 Page - Union Semiconductor, Inc.

部品番号 744066330
部品情報  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UNIONSEMI [Union Semiconductor, Inc.]
ホームページ  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

744066330 データシート(HTML) 7 Page - Union Semiconductor, Inc.

Back Button 744066330 Datasheet HTML 3Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 4Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 5Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 6Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 7Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 8Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 9Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 10Page - Union Semiconductor, Inc. 744066330 Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Apr.2016
7/13
UM1360
Typical Operating Characteristics (Continued)
0
100
200
300
400
500
600
700
800
900
1000
1100
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle (%)
LED Current vs VSET Duty Cycle
(Vin=16V,3LEDs,33uH,Rs=0.1
Ω)
0
100
200
300
400
500
600
700
800
900
1000
1100
0
0.5
1
1.5
2
2.5
3
VSET (V)
LED Current vs VSET
(Vin=16V,3LEDs,33uH,Rs=0.1
Ω)
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
40
45
Input Voltage (V)
Feedback Voltage vs Vin
800
820
840
860
880
900
920
940
960
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Output Current vs. Temperature
(L=
33μH, Rs=0.1Ω)
-50
-40
-30
-20
-10
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Output Current Change vs. Temperature
(L=
47μH, Rs=0.33Ω)
VIN=16V, 3 LEDs
LED Current vs. VSET Duty Cycle
(VIN=16V, 3 LEDs, L1=33µH, Rs=0.1Ω)
LED Current vs. VSET
(VIN=16V, 3 LEDs, L1=33µH, Rs=0.1Ω)
Feedback Voltage vs. VIN
Output Current vs. Temperature
(L1=33µ H, Rs=0.1
Ω)
Output Current Change vs. Temperature
(L1=47µ H, Rs=0.33
Ω)
PWM=1kHz
VIN=16V, 3 LEDs
VIN=16V, 3 LEDs


同様の部品番号 - 744066330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744066330 WURTH-744066330 Datasheet
114Kb / 3P
   POWER-CHOKE WE-TPC
logo
List of Unclassifed Man...
744066330 ETC2-744066330 Datasheet
164Kb / 2P
   Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
More results

同様の説明 - 744066330

メーカー部品番号データシート部品情報
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com