データシートサーチシステム |
|
SMBJ33A データシート(PDF) 5 Page - Bourns Electronic Solutions |
|
SMBJ33A データシート(HTML) 5 Page - Bourns Electronic Solutions |
5 / 5 page CDDFN5-0504N-TVS/SteeringDiodeArray Packaging Information ....... ....... ....... ....... ....... ....... ....... ....... PA F E T 120° D2 D D 1 W1 C IndexHole Pin1 Location P0 P1 W B 10pitches(min.) DirectionofFeed 10pitches(min.) End Trailer Device Leader Start d The product will be dispensed in tape and reel format (see diagram below). Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. DIMENSIONS: MM (INCHES) REV. 06/16 SMBJTransientVoltageSuppressorDiodeSeries Specificationsaresubjecttochangewithoutnotice. Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. Item Symbol SMB (DO-214AA) 7 Inch Reel 13 Inch Reel Carrier Width A 3.67 ± 0.20 (0.144 ± 0.008) Carrier Length B 5.60 ± 0.20 (0.220 ± 0.008) Carrier Depth C 2.57 ± 0.20 (0.101 ± 0.008) Sprocket Hole d 1.50 ± 0.10 (0.059 ± 0.004) Reel Outside Diameter D 178 (7.008) 330 (12.992) Reel Inner Diameter D1 50.0 (1.969) MIN. Feed Hole Diameter D2 13.0 ± 0.20 (0.512 ± 0.008) Sprocket Hole Position E 1.75 ± 0.10 (0.069 ± 0.004) Punch Hole Position F 5.50 ± 0.05 (0.217 ± 0.002) Punch Hole Pitch P 8.00 ± 0.10 (0.315 ± 0.004) Sprocket Hole Pitch P0 4.00 ± 0.10 (0.157 ± 0.004) Embossment Center P1 2.00 ± 0.05 (0.079 ± 0.002) Overall Tape Thickness T 0.30 ± 0.10 (0.012 ± 0.004) Tape Width W 12.00 ± 0.30 (0.472 ± 0.012) Reel Width W1 18.4 (0.724) MAX. Quantity per Reel -- 500 3,000 |
同様の部品番号 - SMBJ33A |
|
同様の説明 - SMBJ33A |