データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK11C68-S25I データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 STK11C68-S25I
部品情報  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-S25I データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  STK11C68-S25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-S25I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STK11C68
June 1999
4-23
SRAM READ CYCLES #1 & #2
(VCC = 5.0V + 10%)
b
Note g:
W must be high during SRAM READ cycles and low during SRAM WRITE cycles.
Note h:
I/O state assumes E, G < VIL and W > VIH; device is continuously selected.
Note i:
Measured
± 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledg, h
SRAM READ CYCLE #2: E Controlledg
NO.
SYMBOLS
PARAMETER
STK11C68-20
STK11C68-25
STK11C68-35
STK11C68-45
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1tELQV
tACS
Chip Enable Access Time
20
25
35
45
ns
2tAVAV
g
tRC
Read Cycle Time
20
25
35
45
ns
3tAVQV
h
tAA
Address Access Time
22
25
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
8
10
15
20
ns
5tAXQX
h
tOH
Output Hold after Address Change
5555
ns
6tELQX
tLZ
Chip Enable to Output Active
5555
ns
7tEHQZ
i
tHZ
Chip Disable to Output Inactive
7
10
13
15
ns
8tGLQX
tOLZ
Output Enable to Output Active
0000
ns
9tGHQZ
i
tOHZ
Output Disable to Output Inactive
7
10
13
15
ns
10
tELICCH
f
tPA
Chip Enable to Power Active
0000
ns
11
tEHICCL
e, f
tPS
Chip Disable to Power Standby
25
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
8
tGLQX
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
1
tELQV
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ


同様の部品番号 - STK11C68-S25I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK11C68-SF25 SIMTEK-STK11C68-SF25 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C68-SF25 CYPRESS-STK11C68-SF25 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-SF25I SIMTEK-STK11C68-SF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C68-SF25I CYPRESS-STK11C68-SF25I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-SF25ITR SIMTEK-STK11C68-SF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

同様の説明 - STK11C68-S25I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com