データシートサーチシステム |
|
CSC08B001M00FPA データシート(PDF) 5 Page - Vishay Siliconix |
|
CSC08B001M00FPA データシート(HTML) 5 Page - Vishay Siliconix |
5 / 6 page CSC www.vishay.com Vishay Dale Revision: 03-May-13 5 Document Number: 31509 For technical questions, contact: ff2aresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 CIRCUIT APPLICATIONS 01 Schematic Bussed The CSCxxx01 single-in-line resistor networks provide the user with nominally equal resistors, each connected to a common pin (pin no. 1). Commonly used in the following applications: • “Wired OR” pull-up • Open collector pull-up • Power gate pull-up • TTL input pull-down • MOS/ROM pull-up/pull-down • TTL unused gate pull-up * “A” profile standard, “B” profile available. 03 Schematic Isolated The CSCxxx03 single-in-line resistor networks provide the user with nominally equal resistors. Each resistor is isolated from all others. Commonly used in the following applications: • “Wired OR” pull-up • Long-line impedance balancing • Power driven pull-up • LED current limiting • Power gate pull-up • ECL output pull-down • Line termination • TTL input pull-down * “A” Profile standard, “B” profile available. 05 Schematic Dual Terminator The CSCxxx05 circuits contain series pairs of resistors. Each series pair is connected between two common lines. The junction of these resistor pairs is connected to the input terminals. The 05 circuits are designed for TTL dual-line termination and pulse squaring. * “A” profile standard, “B” profile available. PERFORMANCE TEST CONDITIONS MAX. R (TYPICAL TEST LOTS) Thermal shock 5 cycles between - 65 °C and + 125 °C ± 0.50 % R Short time overload 2.5 x rated working voltage, 5 s ± 0.25 % R Low temperature operation 45 min at full rated working voltage at - 65 °C ± 0.25 % R Moisture resistance 240 h with humidity ranging from 80 % RH to 98 % RH ± 1.00 % R Resistance to soldering heat Leads immersed in + 350 °C solder to within 1/16" of body for 3 s ± 0.25 % R Shock Total of 18 shocks at 100 g's ± 0.25 % R Vibration 12 h at maximum of 20 g's between 10 Hz and 2000 Hz ± 0.25 % R Load life 1000 h at + 70 °C, rated power applied 1.5 h “ON”, 0.5 h “OFF” for full 1000 h period. Derated according to the curve. ± 1.00 % R Terminal strength 4.5 pound pull for 30 s ± 0.25 % R Insulation resistance 10 000 M (minimum) - Dielectric withstanding voltage No evidence of arcing or damage (200 VRMS for 1 min) - 1 2 3 n-1 n 1 2 3 4 n-1 n 1 2 3 n-1 n R1 R2 |
同様の部品番号 - CSC08B001M00FPA |
|
同様の説明 - CSC08B001M00FPA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |