データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSC12B001M00GPA データシート(PDF) 4 Page - Vishay Siliconix

部品番号 CSC12B001M00GPA
部品情報  Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC12B001M00GPA データシート(HTML) 4 Page - Vishay Siliconix

  CSC12B001M00GPA Datasheet HTML 1Page - Vishay Siliconix CSC12B001M00GPA Datasheet HTML 2Page - Vishay Siliconix CSC12B001M00GPA Datasheet HTML 3Page - Vishay Siliconix CSC12B001M00GPA Datasheet HTML 4Page - Vishay Siliconix CSC12B001M00GPA Datasheet HTML 5Page - Vishay Siliconix CSC12B001M00GPA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CSC
www.vishay.com
Vishay Dale
Revision: 03-May-13
4
Document Number: 31509
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
”A“ Profile
1.90
1.50
1.15
0.45
0.30
- 50
+ 25
+ 70
+ 125 + 150
CSC10A Package
Ambient Temperature
°C
Derating
CSC08A Package
CSC06A Package
Single Resistor
03 Schematic
01 and 05 Schematics
”B“ Profile
- 50
+ 25
+ 70
+ 125 + 150
2.50
2.00
1.50
0.60
0.38
CSC08B Package
03 Schematic
Single Resistor
CSC06B Package
CSC10B Package
Ambient Temperature
°C
Derating
01 and 05 Schematics
“A” PROFILE + 70 °C PACKAGE RATINGS
CSC12A
1.5 W
CSC11A
1.37 W
CSC10A
1.25 W
CSC09A
1.12 W
CSC08A
1.00 W
CSC07A
0.87 W
CSC06A
0.75 W
CSC05A
0.62 W
CSC04A
0.40 W
“B” PROFILE + 70 °C PACKAGE RATINGS
CSC12B
1.90 W
CSC11B
1.75 W
CSC10B
1.60 W
CSC09B
1.45 W
CSC08B
1.30 W
CSC07B
1.15 W
CSC06B
1.00 W
CSC05B
0.80 W
CSC04B
0.60 W


同様の部品番号 - CSC12B001M00GPA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CSC12B VISHAY-CSC12B Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC12B VISHAY-CSC12B Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

同様の説明 - CSC12B001M00GPA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com