データシートサーチシステム |
|
TLC2264MFK データシート(PDF) 5 Page - Texas Instruments |
|
TLC2264MFK データシート(HTML) 5 Page - Texas Instruments |
5 / 59 page TLC226x, TLC226xA Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD+ (see Note 1) 8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage, VDD– (see Note 1) – 8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±16 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (any input, see Note 1) VDD– – 0.3 V to VDD+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II (each input) ±5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current into VDD+ ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current out of VDD– ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short-circuit current at (or below) 25 °C (see Note 3) unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix – 40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Q suffix – 40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . M suffix – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, P, and PW packages 260 °C . . . . . . . J, JG, U, and W packages 300 °C . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VDD+ and VDD – . 2. Differential voltages are at IN+ with respect to IN –. Excessive current flows if input is brought below VDD – – 0.3 V. 3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C TA = 125°C PACKAGE A POWER RATING ABOVE TA = 25°C A POWER RATING A POWER RATING A POWER RATING D–8 725 mW 5.8 mW/ °C 464 mW 377 mW 145 mW D–14 950 mW 7.6 mW/ °C 608 mW 494 mW 190 mW FK 1375 mW 11.0 mW/ °C 880 mW 715 mW 275 mW J 1375 mW 11.0 mW/ °C 880 mW 715 mW 275 mW JG 1050 mW 8.4 mW/ °C 672 mW 546 mW 210 mW N 1150 mW 9.2 mW/ °C 736 mW 598 mW 230 mW P 1000 mW 8.0 mW/ °C 640 mW 520 mW 200 mW PW–8 525 mW 4.2 mW/ °C 336 mW 273 mW 105 mW PW–14 700 mW 5.6 mW/ °C 448 mW 364 mW 140 mW U 700 mW 5.5 mW/ °C 452 mW 370 mW 150 mW W 700 mW 5.5 mW/ °C 452 mW 370 mW 150 mW recommended operating conditions C SUFFIX I SUFFIX Q SUFFIX M SUFFIX UNIT MIN MAX MIN MAX MIN MAX MIN MAX UNIT Supply voltage, VDD ± ±2.2 ±8 ±2.2 ±8 ±2.2 ±8 ±2.2 ±8 V Input voltage range, VI VDD – VDD + – 1.5 VDD – VDD + – 1.5 VDD – VDD + – 1.5 VDD – VDD + – 1.5 V Common-mode input voltage, VIC VDD – VDD + – 1.5 VDD – VDD + – 1.5 VDD – VDD + – 1.5 VDD – VDD + – 1.5 V Operating free-air temperature, TA 0 70 – 40 125 – 40 125 – 55 125 °C |
同様の部品番号 - TLC2264MFK |
|
同様の説明 - TLC2264MFK |