データシートサーチシステム |
|
SMP1331-087LF データシート(PDF) 2 Page - Skyworks Solutions Inc. |
|
SMP1331-087LF データシート(HTML) 2 Page - Skyworks Solutions Inc. |
2 / 9 page DATA SHEET • SMP1331-087LF: 45 W SURFACE MOUNT SERIES CONNECTED PIN DIODE Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 2 June 8, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203589A Electrical and Mechanical Specifications The absolute maximum ratings of the SMP1331-087LF are provided in Table 1. Electrical specifications are provided in Table 2. Typical DC performance characteristics of the SMP1331-087LF are illustrated in Figures 2, 3, and 4. The SMP1331-087LF Evaluation Board is used to test the performance of the SMP1331-087LF PIN Diode. Figure 5 shows a bias schematic, and Table 3 lists the Evaluation Board Bill of Materials. Typical RF performance of the SMP1331-087LF using the schematic shown in Figure 5 is summarized in Table 4 and illustrated in Figures 6, 7, and 8. An assembly drawing for the Evaluation Board is shown in Figure 9. The layer detail physical characteristics are provided in Figure 10. Table 1. SMP1331-087LF Absolute Maximum Ratings Parameter Symbol Minimum Maximum Units Forward current IF 200 mA Reverse voltage VR 200 V Dissipated power @ 85 °C PD 0.75 W Peak pulse power dissipation @ 85 °C (10% duty cycle) 7.5 W Operating temperature TA –55 +85 C Storage temperature TSTG –55 +200 C Junction temperature TJ –55 +175 C Electrostatic discharge: Charged-Device Model (CDM), Class 4 Human Body Model (HBM), Class 3A Machine Model (MM), Class C ESD 1100 5000 400 V V V Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device. CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times. Table 2. SMP1331-087LF Electrical Specifications (Note 1) (TA = +25 C, Unless Otherwise Noted) Parameter Symbol Test Condition Min Typical Max Units Forward voltage VF IF = 10 mA 0.80 V Reverse leakage current IR VR = 200 V 10 μA Series resistance RS1 RS10 RS100 IF = 1 mA, f = 100 MHz IF = 10 mA, f = 100 MHz IF = 100 mA, f = 100 MHz 9.0 1.7 0.50 14.5 Ω Ω Ω Total capacitance CT30 VR = 30 V, f = 1 MHz 0.26 0.35 pF Series inductance LS 0.37 nH Minority carrier lifetime tL IF = 10 mA 600 ns I region width W 30 μm Thermal resistance (Note 2) JC Junction-to-case 26 °C/W Peak thermal resistance P Single, 1 μs pulse width, junction-to-case (10% duty cycle) 2.6 °C/W Note 1: Performance is guaranteed only under the conditions listed in this table. Note 2: Assume a thermal resistance of 90 °C/W for the junction-to-bottom of the circuit board. |
同様の部品番号 - SMP1331-087LF |
|
同様の説明 - SMP1331-087LF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |