データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMP1345-079LF データシート(PDF) 3 Page - Skyworks Solutions Inc.

部品番号 SMP1345-079LF
部品情報  Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1345-079LF データシート(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1345-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1345-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1345-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1345-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1345-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1345-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1345-079LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1345-079LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATA SHEET • SMP1345 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200046S • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
3
Typical Performance Characteristics
Reverse Voltage (V)
0
5
10
15
25
20
30
0.05
0.10
0.15
0.20
Figure 1. Total Capacitance vs Reverse Voltage
0.01
0.1
1
10
100
500
600
700
800
900
1000
1100
1200
Forward Voltage (mV)
Figure 3. Forward Current vs Forward Voltage
–35
0
–5
–10
–15
–20
–25
–30
–45
–40
Frequency (GHz)
1.0
0
2.0
3.0
4.0
5.0
6.0
Figure 5. Isolation vs Frequency
(VR = 0 V)
0.01
0.1
1
10
100
Forward Current (mA)
0.01
0.1
1
10
100
Figure 2. Series Resistance vs Current @ 100 MHz
Frequency (GHz)
1.0
0
2.0
3.0
4.0
5.0
6.0
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–0.1
–0.2
–0.3
0
Figure 4. Insertion Loss vs Frequency
(IF = 10 mA)
–35
–40
–45
–50
0
–5
–10
–15
–20
–25
–30
Frequency (GHz)
1.0
0
2.0
3.0
4.0
5.0
6.0
Figure 6. Return Loss vs Frequency
(IF = 10 mA)


同様の部品番号 - SMP1345-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMP1345-079LF SKYWORKS-SMP1345-079LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
More results

同様の説明 - SMP1345-079LF

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345-040LF SKYWORKS-SMP1345-040LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMPA1345-040LF SKYWORKS-SMPA1345-040LF Datasheet
586Kb / 6P
   Very Low Capacitance, Plastic-Packaged Silicon PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com