データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP100-D データシート(PDF) 2 Page - Astrodyne Corporation

部品番号 TP100-D
部品情報  100W Triple Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP100-D データシート(HTML) 2 Page - Astrodyne Corporation

  TP100-D Datasheet HTML 1Page - Astrodyne Corporation TP100-D Datasheet HTML 2Page - Astrodyne Corporation TP100-D Datasheet HTML 3Page - Astrodyne Corporation TP100-D Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100W Triple Output with PFC Function
TP100 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (Note 3)
90-264VAC / 127-370 Volts(DC)
Frequency Range
47- 63 Hz
Inrush Current, typ: (cold start)
≤ 40Amps @ 230VAC
Input Current
1.5 Amps max @ 115VAC
0.75 Amps max @ 230VAC
Leakage current
< 3.5mA / 240 VAC
Power Factor @ FL
PF > 0.94/230VAC
>0.98/115VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±1.0%
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
24mS/230VAC, 24mS/115VAC
Setup, Rise Time @ FL
800mS, 60mS/230VAC
800mS, 60mS/115VAC
Over Voltage Protection
5Volts(DC) only: 5.75~6.75Volts(DC)
Shutdown o/p voltage, re-power
Over Current Protection
105~150% rated ourtput power
Shutdown o/p voltage, auto recover
Over Temperature Protecion
95°C ±5°C (TSW1)
Shutdown o/p voltage, auto recover
DC Voltage Adjust
5Volts(DC) only: 4.5~5.5Volts(DC)
GENERAL SPECIFICATIONS
Safety
UL60950-1
TUV EN60950-1 approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022 (CISPR22)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
77% typ.
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground 1min
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204, EN55024
light industry level, criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH non cond
Temperature Coefficient
±0.03% / °C (0-50°C)
MTBF
170.1KHrs min, MIL-HDBK-217F (25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
199 x 99 x 50
Inches
7.84” x 3.90” x 1.97”
Weight
27.28 oz (830g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
3. Derating may be needed under low input voltages. Please check the
derating curve for more details.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


同様の部品番号 - TP100-D

メーカー部品番号データシート部品情報
logo
FENGJUI TECHNOLOGY CO.,...
TP100 FENGJUI-TP100 Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
logo
Toppower Electronic Tec...
TP100 TOPPOWER-TP100 Datasheet
743Kb / 3P
   100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Billiton Ltd.
TP1000 ASIC-TP1000 Datasheet
412Kb / 12P
   Constant flow source feedback controller
TP1000A ASIC-TP1000A Datasheet
412Kb / 12P
   Constant flow source feedback controller
TP1000D ASIC-TP1000D Datasheet
412Kb / 12P
   Constant flow source feedback controller
More results

同様の説明 - TP100-D

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100_10 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
   100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com