データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4933 データシート(PDF) 2 Page - Leshan Radio Company

部品番号 1N4933
部品情報  Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4933 データシート(HTML) 2 Page - Leshan Radio Company

  1N4933 Datasheet HTML 1Page - Leshan Radio Company 1N4933 Datasheet HTML 2Page - Leshan Radio Company 1N4933 Datasheet HTML 3Page - Leshan Radio Company 1N4933 Datasheet HTML 4Page - Leshan Radio Company 1N4933 Datasheet HTML 5Page - Leshan Radio Company 1N4933 Datasheet HTML 6Page - Leshan Radio Company 1N4933 Datasheet HTML 7Page - Leshan Radio Company 1N4933 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
1N4933S thru 1N4937S
0.375" (9.5mm) Lead Length
Case Temperature, °C
Fig. 1 – Forward Current Derating Curve
0
25
50
75
100 125
150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
1
10
100
30
15
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Number of Cycles at 60Hz
Fig 3. – Typical Instantaneous Forward
Characteristics
0.6
0.8
1.0
1.2
1.4
1.6
10
1.0
0.1
0.01
100
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Instantaneous Forward Voltage (V)
10
Fig 4. – Typical Reverse Characteristics
0
20
40
60
80
100
100
1
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃
Tj=75℃
Tj=25℃
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig 6. – Typical Junction Capacitance
0.1
1
10
100
20
10
1.0
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)


同様の部品番号 - 1N4933

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4933 GXELECTRONICS-1N4933 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

同様の説明 - 1N4933

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
   Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
   Reverse Voltage 50 to 600V Forward Current 1.0A
1E1 LRC-1E1 Datasheet
219Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com