データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB140S データシート(PDF) 1 Page - Diotec Semiconductor

部品番号 SB140S
部品情報  Schottky Barrier Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTEC [Diotec Semiconductor]
ホームページ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SB140S データシート(HTML) 1 Page - Diotec Semiconductor

  SB140S Datasheet HTML 1Page - Diotec Semiconductor SB140S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB120S ... SB1100S
SB120S ... SB1100S
Schottky Barrier Rectifier Diodes
Schottky-Barrier-Gleichrichterdioden
Version 2015-04-20
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case
Kunststoffgehäuse
~DO-41
~DO-204AC
Weight approx.
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
SB120S
20
20
< 0.50
SB130S
30
30
< 0.50
SB140S
40
40
< 0.50
SB150S
50
50
< 0.70
SB160S
60
60
< 0.70
SB190S
90
90
< 0.85
SB1100S
100
100
< 0.85
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 75°C
IFAV
1 A2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 2)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
8 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
IF = 1 A,Tj = 25°C
2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 0.77±0.07
Ø 2.6
-0.1


同様の部品番号 - SB140S

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB140S PANJIT-SB140S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Luguang Electr...
SB140S LUGUANG-SB140S Datasheet
1Mb / 2P
   Schottky Barrier Rectifiers
logo
Transys Electronics
SB140S TRSYS-SB140S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SB140S GOOD-ARK-SB140S Datasheet
138Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB140S PANJIT-SB140S Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SB140S

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com