データシートサーチシステム |
|
ESCA-0105 データシート(PDF) 3 Page - Astrodyne Corporation |
|
ESCA-0105 データシート(HTML) 3 Page - Astrodyne Corporation |
3 / 5 page 10W Ultraminiature Encapsulated Switching Power Supplies ECA10 series ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 WWW.ASTRODYNETDI.COM INPUT SPECIFICATIONS Input Voltage Range 90-264 VAC (100-240VAC nom.) Frequency Range 47-63 Hz Inrush Current, typ: 20A@115V, 40A@230V Input * Leakage Current <3.5mA @ 264VAC, 50Hz OUTPUT SPECIFICATIONS Voltage and Current See Selection Chart Load Regulation (Note7) Single/Duals ± 3%, Triple: 0.5 / ± 0.5% (max) Line Regulation (Note 8) Single 0.1~1%, typ Duals ± 0.3~1%, typ Triple: 0.6 / ± 0.2% (max) Cross Regulation (Note 11) Duals 2% Triple NA / ± 0.1% Preset Accuracy (Note 9) Single: ±1% Duals: ±1.5% Triples: ±1% / ±5% Temperature Coefficient ±0.03%/°C Ripple/Noise at nom. I/P (Note 1,2,10) See Selection Chart Over Voltage Protection Clamp* Short Circuit Protection (Note 3) Continuous self-recovering* Hold Up Time 30 mS, typ (Nom. Input, 100% load) GENERAL SPECIFICATIONS Isolation (Note 4)* 4242VDC Input-Output 3535VDC I/P-Ground 1414VDC O/P-Ground Efficiency See Selection Chart Switching Frequency 100Khz, (fixed, typical) Safety UL/cUL: UL60950-1 2nd ed./ C22.2 60950-1 2nd ed. UL-EU: EN60950-1 2nd ed. CE: EN60601-1-2 CB: IEC60950-1 2nd ed. EMC EN55011 Class B PHYSICAL SPECIFICATIONS Size PCB Mount 2.56L” x 1.77W” x 0.85H” Chassis Mount 3.77L” x 2.16W” x 1.0H” Din Rail 3.77L” x 2.16W” x 1.35H” Case Material Rynite, 94V-0 Rated Construction Encapsulated. Soft Pot Weight PCB / CHA 4 oz (113g) / 8.5 oz (241g) Din Rail 11.5 oz (326g) ENVIRONMENTAL SPECIFICATIONS Oper. Temperature (Note 5) 0 to +40°C (See Derate) Storage Temperature -25 to +71°C * Relative Humidity 0 to + 95%, non-cond * MTBF (Mil Std 217, 25°C) 270,000 Hrs NOTES 1. All measurements should be made directly at the terminals of the power supply. 2. Ripple and Noise depend upon output voltage as specified par par- ticular model. 3. Short Circuit Protection is self-recovering when overcurrent condition is removed. 4. Isolation for up to 1minute duration. 5. Specified for free-air convection cooling. 6. Minimum load is NOT required for proper operation. However, auxil- iary outputs should be reduced as a function of primary output minimum load or load regulation will be higher. 7. Load regulation measured from 20% to FL. 8. Line regulation measured from 90VAC 264VAC. 9. Preset accuracy measured at nominal load, 120 VAC input. 10. O/P noise measured directly at pins/terminals at nom. load, 0.1uF bypass, pk-pk @20MHz bandwidth. 11. Cross Reg.: Measured output (5V for Triples) at nominal load with the other output varied between 60% to 100% load. 12. 100% Production Tested. * These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. All specifications are typical at nominal input, full load, and 25°C unless other- wise noted |
同様の部品番号 - ESCA-0105 |
|
同様の説明 - ESCA-0105 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |