データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD1408-F1200 データシート(PDF) 3 Page - Bourns Electronic Solutions

部品番号 CD1408-F1200
部品情報  Surface Mount Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-F1200 データシート(HTML) 3 Page - Bourns Electronic Solutions

  CD1408-F1200 Datasheet HTML 1Page - Bourns Electronic Solutions CD1408-F1200 Datasheet HTML 2Page - Bourns Electronic Solutions CD1408-F1200 Datasheet HTML 3Page - Bourns Electronic Solutions CD1408-F1200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CD1408-F1200~F11000 – Surface Mount Rectifier Diode
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
MM
(INCHES)
DIMENSIONS:
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
Item
Symbol
1408
Carrier Width
A
1.90 ±0.10
(0.075 - 0.004)
Carrier Length
B
4.30 ±0.10
(0.169 - 0.004)
Carrier Depth
C
1.80 ±0.10
(0.071 - 0.004)
Sprocket Hole
d
1.55 ±0.05
(0.061 - 0.002)
Reel Outside Diameter
D
178
(7.008)
Reel Inner Diameter
D1
80.0
(3.150)
Min.
Feed Hole Diameter
D2
13.0 ±0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ±0.10
(0.069 - 0.004)
Punch Hole Position
F
3.50 ±0.05
(0.138 - 0.002)
Punch Hole Pitch
P
4.00 ±0.10
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ±0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ±0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.20 ±0.10
(0.008 - 0.004)
Tape Width
W
8.00 ±0.20
(0.315 - 0.008)
Reel Width
W1
13.5
(0.531)
Max.
Quantity per Reel
3,000
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


同様の部品番号 - CD1408-F1200

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD1408-FF1 BOURNS-CD1408-FF1 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
CD1408-FF11000 BOURNS-CD1408-FF11000 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FF11000 BOURNS-CD1408-FF11000 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
CD1408-FF11500 BOURNS-CD1408-FF11500 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FF11500 BOURNS-CD1408-FF11500 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
More results

同様の説明 - CD1408-F1200

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD1408-FF1200 BOURNS-CD1408-FF1200 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FU1400 BOURNS-CD1408-FU1400 Datasheet
520Kb / 4P
   Surface Mount Rectifier Diode
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150_13 Datasheet
102Kb / 2P
   Surface Mount Schottky Rectifier Diode
logo
Bourns Electronic Solut...
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150 Datasheet
102Kb / 2P
   Surface Mount Schottky Rectifier Diode
logo
Bourns Electronic Solut...
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
SUNMATE electronic Co.,...
SDM10K45 SUNMATE-SDM10K45 Datasheet
275Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER DIODE
logo
Bourns Electronic Solut...
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com