データシートサーチシステム |
|
6TPE220MI データシート(PDF) 1 Page - Panasonic Semiconductor |
|
6TPE220MI データシート(HTML) 1 Page - Panasonic Semiconductor |
1 / 4 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Conductive Polymer Tantalum Solid Capacitors Lot. No. R.Cap. code R. Voltage code Polarity marking(+) W1 S S L ● Small size (L 3.5 ×W 2.8×H 1.9 mm) ● Low ESR (15 m Ω) ● RoHS compliance, Halogen free Surface Mount Type Series : TPE Size : B Size code B2 Category temperature range –55 °C to +105 °C Rated voltage range 2.0 V.DC to 10 V.DC Category voltage range 1.8 V.DC to 8.0 V.DC Rated capacitance range 47 μF to 470 μF Capacitance tolerance ±20 % (120 Hz / + 20 °C) Leakage current Please see the attached characteristics list Dissipation factor (tan d) Please see the attached characteristics list Surge voltage (V.DC) Rated voltage × 1.15 Endurance +105 °C, 1000 h rated voltage applied ✽ Rated temp, +85 °C Products : +85 °C, 1000 h, rated voltage applied Capacitance change Within ±20 % of the initial value tan d < 1.5 times of the initial limit DC leakage current Within the initial limit Damp heat (Steady State) +60 °C, 90 % to 95 %, 500 h, No-applied voltage Capacitance change Within +50 %, −20 % of the initial value (2R5TPE220MAZB (MAPB, MAFB), 2R5TPE330MAZB, 2TPE330MAFB (MADGB), 2TPE470MAJGB (MAFB), 2TPE330MFB) Within +40 %, −20 % of the initial value (Except for above model) tan d < 1.5 times of the initial limit DC leakage current < 3 times of the initial limit Size code L±0.2 W±0.2 H±0.1 S±0.2 W1±0.1 B2 3.5 2.8 1.9 0.8 2.2 Unit : mm Marking R. Voltage (V.DC) 2.0 2.5 4.0 6.3 8.0 10.0 Code deg j k A R. Cap. (μF) 47 100 120 150 220 330 470 Code S7 A8 C8 E8 J8 N8 S8 ✽ Externals of figure are the reference. Specifications Features Dimensions (not to scale) Nov. 2015 01 |
同様の部品番号 - 6TPE220MI |
|
同様の説明 - 6TPE220MI |