データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6TPE470M データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 6TPE470M
部品情報  Surface Mount Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE470M データシート(HTML) 2 Page - Panasonic Semiconductor

  6TPE470M Datasheet HTML 1Page - Panasonic Semiconductor 6TPE470M Datasheet HTML 2Page - Panasonic Semiconductor 6TPE470M Datasheet HTML 3Page - Panasonic Semiconductor 6TPE470M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Series
Rated
voltage
(V.DC)
Rated
temp.
(°C)
Category
voltage
(V.DC)
Category
temp.
(°C)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard
LW
H
Ripple
1
current
(mAr.m.s.)
ESR
2
(m
Ω max.)
tan
d
✽3
LC
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
TPE
2
105
2.0
105
330
3.5
2.8
1.9
B2
2000
15
0.08
132.0
2TPE330MFB
2000
85
1.8
105
3.5
2.8
1.9
2000
15
0.08
132.0
2TPE330MAFB
2000
85
1.8
105
3.5
2.8
1.9
2000 13/300 kHz
0.10
132.0
2TPE330MADGB
2000
85
1.8
105
470
3.5
2.8
1.9
2300
15
0.10
188.0
2TPE470MAFB
2000
85
1.8
105
3.5
2.8
1.9
2300 11/300 kHz
0.08
188.0
2TPE470MAJGB
2000
2.5
85
2.0
105
220
3.5
2.8
1.9
2000
15
0.08
110.0
2R5TPE220MAFB 2000
105
2.5
105
3.5
2.8
1.9
1800 15/300 kHz
0.08
110.0
2R5TPE220MFGB 2000
105
2.5
105
3.5
2.8
1.9
1700
21
0.08
55.0
2R5TPE220MLB
2000
85
2.0
105
3.5
2.8
1.9
1600
25
0.08
55.0
2R5TPE220MAPB 2000
105
2.5
105
3.5
2.8
1.9
1400
35
0.08
55.0
2R5TPE220MZB
2000
85
2.0
105
3.5
2.8
1.9
1400
35
0.08
55.0
2R5TPE220MAZB 2000
85
2.0
105
330
3.5
2.8
1.9
1400
35
0.08
82.5
2R5TPE330MAZB 2000
4
105
4.0
105
100
3.5
2.8
1.9
1400
35
0.08
40.0
4TPE100MZB
2000
85
3.2
105
150
3.5
2.8
1.9
1400
35
0.08
60.0
4TPE150MAZB
2000
85
3.2
105
220
3.5
2.8
1.9
1400
35
0.08
88.0
4TPE220MAZB
2000
6.3
105
6.3
105
100
3.5
2.8
1.9
1600
25
0.08
63.0
6TPE100MPB
2000
85
5.0
105
3.5
2.8
1.9
1400
35
0.08
63.0
6TPE100MAZB
2000
85
5.0
105
120
3.5
2.8
1.9
1400
35
0.08
75.6
6TPE120MAZB
2000
85
5.0
105
150
3.5
2.8
1.9
1600
25
0.08
94.5
6TPE150MAPB
2000
85
5.0
105
3.5
2.8
1.9
1400
35
0.08
94.5
6TPE150MAZB
2000
85
5.0
105
220
3.5
2.8
1.9
1400
35
0.10
138.6
6TPE220MAZB
2000
8
85
6.3
105
100
3.5
2.8
1.9
1400
35
0.08
80.0
8TPE100MAZB
2000
10
85
8.0
105
47
3.5
2.8
1.9
1400
35
0.08
47.0
10TPE47MAZB
2000
✽1 Ripple current (100 kHz/ +45 °C ), ✽2 ESR (100 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Characteristics list
Nov. 2015
01


同様の部品番号 - 6TPE470M

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
6TPE470M ETC2-6TPE470M Datasheet
359Kb / 4P
   TPE series has low ESR and can aid in creating thinner and smaller products.
logo
Panasonic Semiconductor
6TPE470M PANASONIC-6TPE470M Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470M PANASONIC-6TPE470M Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470MAZU PANASONIC-6TPE470MAZU Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470MI PANASONIC-6TPE470MI Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

同様の説明 - 6TPE470M

メーカー部品番号データシート部品情報
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com