データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC081S021 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC081S021
部品情報  Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081S021 データシート(HTML) 5 Page - Texas Instruments

  ADC081S021 Datasheet HTML 1Page - Texas Instruments ADC081S021 Datasheet HTML 2Page - Texas Instruments ADC081S021 Datasheet HTML 3Page - Texas Instruments ADC081S021 Datasheet HTML 4Page - Texas Instruments ADC081S021 Datasheet HTML 5Page - Texas Instruments ADC081S021 Datasheet HTML 6Page - Texas Instruments ADC081S021 Datasheet HTML 7Page - Texas Instruments ADC081S021 Datasheet HTML 8Page - Texas Instruments ADC081S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
ADC081S021
www.ti.com
SNAS308G – APRIL 2005 – REVISED MAY 2016
Product Folder Links: ADC081S021
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
ADC081S021
UNIT
DBV (SOT-23)
NGF (WSON)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
184.5
99.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
151.2
118.3
°C/W
RθJB
Junction-to-board thermal resistance
29.7
68.9
°C/W
ψJT
Junction-to-top characterization parameter
29.8
6.6
°C/W
ψJB
Junction-to-board characterization parameter
29.1
69.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
14.8
°C/W
(1)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
Data sheet minimum and maximum specification limits are specified by design, test, or statistical analysis.
7.5 Electrical Characteristics
Typical values correspond to TA = 25°C, and minimum and maximum limits apply over –40°C to 85°C operating temperature
range (unless otherwise noted). VA = 2.7 V to 5.25 V, fSCLK = 1 MHz to 4 MHz, fSAMPLE = 50 ksps to 200 ksps, and CL = 15 pF
(unless otherwise noted).
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP
MAX(2)
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with
no missing codes
8
Bits
INL
Integral non-linearity
VA = 2.7 V to 3.6 V
±0.03
±0.3
LSB
VA = 4.75 V to 5.25 V
TA = 25°C
–0.03
0.04
LSB
TA = –40°C to 85°C
±0.3
±0.3
DNL
Differential non-linearity
VA = 2.7 V to 3.6 V
±0.03
±0.2
LSB
VA = 4.75 V to 5.25 V
TA = 25°C
–0.03
0.04
LSB
TA = –40°C to 85°C
±0.2
±0.2
VOFF
Offset error
VA = 2.7 V to 3.6 V
–0.01
±0.2
LSB
VA = 4.75 V to 5.25 V
0.03
±0.2
LSB
GE
Gain error
VA = 2.7 V to 3.6 V
0.04
±0.4
LSB
VA = 4.75 V to 5.25 V
0.1
±0.4
LSB
TUE
Total unadjusted error
VA = 2.7 V to 3.6 V
TA = 25°C
–0.065
0.055
LSB
TA = –40°C to 85°C
±0.3
±0.3
VA = 4.75 V to 5.25 V
TA = 25°C
–0.06
0.03
LSB
TA = –40°C to 85°C
±0.3
±0.3
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-noise
plus distortion ratio
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS
49
49.5
dBFS
SNR
Signal-to-noise ratio
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS
49
49.6
dBFS
THD
Total harmonic distortion
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS
–77
–65
dBFS
SFDR
Spurious-free dynamic range
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS
65
68
dBFS
ENOB
Effective number of bits
VA = 2.7 V to 5.25 V, fIN = 100 kHz,
–0.02 dBFS
7.8
7.9
Bits
IMD
Intermodulation distortion,
second order terms
VA = 5.25 V, fa = 103.5 kHz, fb = 113.5 kHz
–83
dBFS
Intermodulation distortion,
third order terms
VA = 5.25 V, fa = 103.5 kHz, fb = 113.5 kHz
–82
dBFS


同様の部品番号 - ADC081S021

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC081S021 NSC-ADC081S021 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC081S021 NSC-ADC081S021 Datasheet
720Kb / 17P
   Single Channel, 50 to 200ksps, 8-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
More results

同様の説明 - ADC081S021

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com