データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF05CA-RGB3-P データシート(PDF) 2 Page - OSRAM GmbH

部品番号 LF05CA-RGB3-P
部品情報  LINEARlight Colormix Flex Protect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05CA-RGB3-P データシート(HTML) 2 Page - OSRAM GmbH

  LF05CA-RGB3-P Datasheet HTML 1Page - OSRAM GmbH LF05CA-RGB3-P Datasheet HTML 2Page - OSRAM GmbH LF05CA-RGB3-P Datasheet HTML 3Page - OSRAM GmbH LF05CA-RGB3-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Colormix Flex® Protect – LF05CA-P / LF05CE-P
TECHNICAL DATASHEET
2/4
Technical operating data (for overall module)
Product
Order Code
Color
Voltage
[V]
Power
[W]
Current
[A]
Luminous
Flux [lm]
Radiance
Angle [°]
Overall
Length
LF05CA-RGB3-P
4008321977205
RGB
24
72
3
1740
120
4 m
Red
24
27
1,1
456
Green
24
38
1,6
1193
Blue
24
7
0,3
92
LF05CE-RGB1-P
4008321977182
RGB
24
39
1,6
1080
120
6 m
Red
24
16
0,7
1161
Green
24
19
0,8
2822
Blue
24
4
0,2
222
Minimum & maximum ratings
Operating temperature
at Tc-Point [°C]
Storage temperature
[°C]
Voltage range
[V dc]
Reverse Voltage
[V dc]
LF05CA/E-P
-3
0 … +75°C
-
40 … +85°C
23 … 25 V
25 V
Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Module.
The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. Drive all channels on 100% to determine the temperature. For exact location of the
Tc-point see drawing below.
Technical drawings


同様の部品番号 - LF05CA-RGB3-P

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-B3 OSRAM-LF05A-B3 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-827 OSRAM-LF05A-W3F-827 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-830 OSRAM-LF05A-W3F-830 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-840 OSRAM-LF05A-W3F-840 Datasheet
109Kb / 4P
   LINEARlight Flex
More results

同様の説明 - LF05CA-RGB3-P

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
   LINEARlight Colormix Power
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
   LINEARlight Flex Protect ADVANCED
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
GTL-OS-70080 GILWAY-GTL-OS-70080 Datasheet
561Kb / 4P
   Product Information Bulletin LINEARlight Colormix LED Module
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com