データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54AC158 データシート(PDF) 4 Page - Texas Instruments

部品番号 54AC158
部品情報  Quad 2-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

54AC158 データシート(HTML) 4 Page - Texas Instruments

  54AC158 Datasheet HTML 1Page - Texas Instruments 54AC158 Datasheet HTML 2Page - Texas Instruments 54AC158 Datasheet HTML 3Page - Texas Instruments 54AC158 Datasheet HTML 4Page - Texas Instruments 54AC158 Datasheet HTML 5Page - Texas Instruments 54AC158 Datasheet HTML 6Page - Texas Instruments 54AC158 Datasheet HTML 7Page - Texas Instruments 54AC158 Datasheet HTML 8Page - Texas Instruments 54AC158 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
OBSOLETE
54AC158, 54ACT158
SNOS090B – JULY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.5V to +7.0V
VI = −0.5V
−20 mA
DC Input Diode Current (IIK)
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to VCC + 0.5V
VO = −0.5V
−20 mA
DC Output Diode Current (IOK)
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to VCC + 0.5V
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (T J)
CDIP
175°C
(1)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading
variables. National does not recommend operation of FACT® circuits outside databook specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Recommended Operating Conditions
'AC
2.0V to 6.0V
Supply Voltage (VCC)
'ACT
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
54AC/ACT
−55°C to +125°C
VIN from 30% to 70% of VCC
Minimum Input Edge Rate (
ΔV/Δt) 'AC Devices
125 mV/ns
VCC @ 3.3V, 4.5V, 5.5V
VIN from 0.8V to 2.0V
Minimum Input Edge Rate (
ΔV/Δt) 'ACT Devices
125 mV/ns
VCC @ 4.5V, 5.5V
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC158 54ACT158


同様の部品番号 - 54AC158

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54AC158 NSC-54AC158 Datasheet
141Kb / 8P
   Quad 2-Input Multiplexer
54AC158D NSC-54AC158D Datasheet
141Kb / 8P
   Quad 2-Input Multiplexer
54AC158F NSC-54AC158F Datasheet
141Kb / 8P
   Quad 2-Input Multiplexer
54AC158L NSC-54AC158L Datasheet
141Kb / 8P
   Quad 2-Input Multiplexer
More results

同様の説明 - 54AC158

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com