データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACTQ240 データシート(PDF) 2 Page - Texas Instruments

部品番号 54ACTQ240
部品情報  Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

54ACTQ240 データシート(HTML) 2 Page - Texas Instruments

  54ACTQ240 Datasheet HTML 1Page - Texas Instruments 54ACTQ240 Datasheet HTML 2Page - Texas Instruments 54ACTQ240 Datasheet HTML 3Page - Texas Instruments 54ACTQ240 Datasheet HTML 4Page - Texas Instruments 54ACTQ240 Datasheet HTML 5Page - Texas Instruments 54ACTQ240 Datasheet HTML 6Page - Texas Instruments 54ACTQ240 Datasheet HTML 7Page - Texas Instruments 54ACTQ240 Datasheet HTML 8Page - Texas Instruments 54ACTQ240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54ACQ240
54ACTQ240
Quiet Series Octal Buffer/Line Driver with TRI-STATE®
Outputs
General Description
The ’ACQ/’ACTQ240 is an inverting octal buffer and line
driver designed to be employed as a memory address driver,
clock driver and bus oriented transmitter or receiver which
provides improved PC board density. The ’ACQ/’ACTQ uti-
lizes NSC Quiet Series technology to guarantee quiet output
switching and improve dynamic threshold performance.
FACT Quiet Seriesfeatures GTOoutput control and un-
dershoot corrector in addition to a split ground bus for supe-
rior performance.
Features
n ICC and IOZ reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Inverting TRI-STATE outputs drive bus lines or buffer
memory address registers
n Outputs source/sink 24 mA
n Faster prop delays than the standard ’ACT240
n 4 kV minimum ESD immunity
n Standard Microcircuit Drawing (SMD)
’ACTQ240: 5962-92184
Logic Symbol
Pin Names
Description
OE
1,OE2
TRI-STATE Output Enable Inputs
I
0–I7
Inputs
O
0–O7
Outputs
Connection Diagrams
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100235-1
Pin Assignment
for DIP and Flatpak
DS100235-2
Pin Assignment
for LCC
DS100235-3
February 1999
© 1999 National Semiconductor Corporation
DS100235
www.national.com


同様の部品番号 - 54ACTQ240

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACTQ240D NSC-54ACTQ240D Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240F NSC-54ACTQ240F Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240L NSC-54ACTQ240L Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results

同様の説明 - 54ACTQ240

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ240 NSC-54ACQ240 Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ NSC-54ACQ Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com