データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08131 データシート(PDF) 8 Page - Texas Instruments

部品番号 ADC08131
部品情報  8-Bit High-Speed Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08131 データシート(HTML) 8 Page - Texas Instruments

Back Button ADC08131_13 Datasheet HTML 4Page - Texas Instruments ADC08131_13 Datasheet HTML 5Page - Texas Instruments ADC08131_13 Datasheet HTML 6Page - Texas Instruments ADC08131_13 Datasheet HTML 7Page - Texas Instruments ADC08131_13 Datasheet HTML 8Page - Texas Instruments ADC08131_13 Datasheet HTML 9Page - Texas Instruments ADC08131_13 Datasheet HTML 10Page - Texas Instruments ADC08131_13 Datasheet HTML 11Page - Texas Instruments ADC08131_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OBSOLETE
ADC08131, ADC08134, ADC08138
SNAS066D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Typical Converter Performance Characteristics
(1)
Linearity Error vs Reference Voltage
Linearity Error vs Temperature
Figure 4.
Figure 5.
Power Supply Current vs Temperature
Linearity Error vs Clock Frequency
(ADC08138, ADC08134)
Figure 6.
Figure 7.
Output Current vs Temperature
Power Supply Current vs Clock Frequency
Figure 8.
Figure 9. (2)
(1)
For ADC08131 add IREF
(2)
For the ADC08131 VREFIN is internally tied to the on chip 2.5V band-gap reference output; therefore, the supply current is larger
because it includes the reference current (700 µA typical, 2 mA maximum).
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC08131 ADC08134 ADC08138


同様の部品番号 - ADC08131_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08131CIWM NSC-ADC08131CIWM Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
More results

同様の説明 - ADC08131_13

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Texas Instruments
ADC08231 TI1-ADC08231 Datasheet
646Kb / 26P
[Old version datasheet]   8-Bit 2 Mus Serial I/O A/D Converters
logo
Linear Technology
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com