データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08231 データシート(PDF) 8 Page - Texas Instruments

部品番号 ADC08231
部品情報  8-Bit 2 Mus Serial I/O A/D Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08231 データシート(HTML) 8 Page - Texas Instruments

Back Button ADC08231 Datasheet HTML 4Page - Texas Instruments ADC08231 Datasheet HTML 5Page - Texas Instruments ADC08231 Datasheet HTML 6Page - Texas Instruments ADC08231 Datasheet HTML 7Page - Texas Instruments ADC08231 Datasheet HTML 8Page - Texas Instruments ADC08231 Datasheet HTML 9Page - Texas Instruments ADC08231 Datasheet HTML 10Page - Texas Instruments ADC08231 Datasheet HTML 11Page - Texas Instruments ADC08231 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Typical Performance Characteristics
Reference Voltage
Linearity Error vs
Temperature
Linearity Error vs
Clock Frequency
Linearity Error vs
ADC08234)
Temperature (ADC08238
Power Supply Current vs
Temperature
Output Current vs
vs Clock Frequency
Power Supply Current
Note
For ADC08231 add IREF (Note 16)
TLH11015 – 5
10 kHz Sine Wave Input
Spectral Response with
50 kHz Sine Wave Input
Spectral Response with
100 kHz Sine Wave Input
Spectral Response with
Ratio vs Input Frequency
Signal-to-Noise a Distortion
TLH11015 – 6
7


同様の部品番号 - ADC08231

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08231 NSC-ADC08231 Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08231BIN NSC-ADC08231BIN Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08231BIWM NSC-ADC08231BIWM Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08231CIN NSC-ADC08231CIN Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08231CIWM NSC-ADC08231CIWM Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
More results

同様の説明 - ADC08231

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Texas Instruments
ADC08131 TI1-ADC08131_13 Datasheet
789Kb / 24P
[Old version datasheet]   8-Bit High-Speed Serial I/O A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com