データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08500 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC08500
部品情報  High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08500 データシート(HTML) 9 Page - Texas Instruments

Back Button ADC08500 Datasheet HTML 5Page - Texas Instruments ADC08500 Datasheet HTML 6Page - Texas Instruments ADC08500 Datasheet HTML 7Page - Texas Instruments ADC08500 Datasheet HTML 8Page - Texas Instruments ADC08500 Datasheet HTML 9Page - Texas Instruments ADC08500 Datasheet HTML 10Page - Texas Instruments ADC08500 Datasheet HTML 11Page - Texas Instruments ADC08500 Datasheet HTML 12Page - Texas Instruments ADC08500 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
I / O
GND
V
A
TO INTERNAL
CIRCUITRY
ADC08500
www.ti.com
SNAS373E – MAY 2007 – REVISED APRIL 2013
Converter Electrical Characteristics
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870 mVP-P, CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 500 MHz at 0.5VP-P with 50% duty cycle,
VBG = Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted. See
(1) (2)
Units
Symbol
Parameter
Conditions
Typical (3)
Limits (3)
(Limits)
STATIC CONVERTER CHARACTERISTICS
DC Coupled, 1MHz Sine Wave
INL
Integral Non-Linearity
±0.3
±0.9
LSB (max)
OverRanged
DC Coupled, 1MHz Sine Wave Over
DNL
Differential Non-Linearity
±0.15
±0.6
LSB (max)
Ranged
Resolution with No Missing Codes
8
Bits
−1.5
LSB (min)
VOFF
Offset Error
-0.5
0.5
LSB (max)
VOFF_ADJ
Input Offset Adjustment Range
Extended Control Mode
±45
mV
PFSE
Positive Full-Scale Error (4)
±25
mV (max)
NFSE
Negative Full-Scale Error (4)
±25
mV (max)
FS_ADJ
Full-Scale Adjustment Range
Extended Control Mode
±20
±15
%FS
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
1.7
GHz
B.E.R.
Bit Error Rate
10-18
Error/Sample
Gain Flatness
d.c. to 500 MHz
±0.5
dBFS
fIN = 50 MHz, VIN = FSR − 0.5 dB
7.5
Bits
ENOB
Effective Number of Bits
fIN = 124 MHz, VIN = FSR − 0.5 dB
7.5
7.1
Bits (min)
fIN = 248 MHz, VIN = FSR − 0.5 dB
7.5
7.1
Bits (min)
fIN = 50 MHz, VIN = FSR − 0.5 dB
47
dB
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 124 MHz, VIN = FSR − 0.5 dB
47
44.5
dB (min)
fIN = 248 MHz, VIN = FSR − 0.5 dB
47
44.5
dB (min)
fIN = 50 MHz, VIN = FSR − 0.5 dB
48
dB
SNR
Signal-to-Noise Ratio
fIN = 124 MHz, VIN = FSR − 0.5 dB
47.5
45.3
dB (min)
fIN = 248 MHz, VIN = FSR − 0.5 dB
47.5
45.3
dB (min)
fIN = 50 MHz, VIN = FSR − 0.5 dB
-55
dB
THD
Total Harmonic Distortion
fIN = 124 MHz, VIN = FSR − 0.5 dB
-56
−47.5
dB (max)
fIN = 248 MHz, VIN = FSR − 0.5 dB
-56
−47.5
dB (max)
(1)
The analog inputs are protected as shown below. Input voltage magnitudes beyond the Absolute Maximum Ratings may damage this
device.
(2)
To ensure accuracy, it is required that VA and VDR be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors. Additionally, achieving rated performance requires that the backside exposed pad be well grounded.
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average Outgoing
Quality Level).
(4)
Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for
this device, therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Transfer Characteristic Figure 4. For
relationship between Gain Error and Full-Scale Error, see Specification Definitions for Gain Error.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC08500


同様の部品番号 - ADC08500

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500CIYB NSC-ADC08500CIYB Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500CIYB NSC-ADC08500CIYB Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results

同様の説明 - ADC08500

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com