データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11151 データシート(PDF) 1 Page - Texas Instruments

部品番号 74AC11151
部品情報  1-OF-8 DATA SELECTOR/MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11151 データシート(HTML) 1 Page - Texas Instruments

  74AC11151_09 Datasheet HTML 1Page - Texas Instruments 74AC11151_09 Datasheet HTML 2Page - Texas Instruments 74AC11151_09 Datasheet HTML 3Page - Texas Instruments 74AC11151_09 Datasheet HTML 4Page - Texas Instruments 74AC11151_09 Datasheet HTML 5Page - Texas Instruments 74AC11151_09 Datasheet HTML 6Page - Texas Instruments 74AC11151_09 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
G
0
7
MUX
EN
2
0
6
A
7
B
2
8
C
0
1
D0
5
11
D5
6
10
D6
7
9
D7
1
16
D1
2
15
D2
3
14
D3
4
13
D4
Y
3
W
5
OE
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
74AC11151
1OF8 DATA SELECTOR/MULTIPLEXER
SCAS066A − JUNE 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
8-Line to 1-Line Multiplexers Can Perform
as Boolean Function Generators,
Parallel-to-Serial Converters, or Data
Source Selectors
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This monolithic data selector/multiplexer provides full binary decoding to select one-of-eight data sources. The
strobe output-enable (OE) input must be at a low logic level to enable the inputs. A high level at the strobe
terminal forces the W output high and the Y output low.
The 74AC11151 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
SELECT
STROBE
Y
W
C
B
A
STROBE
OE
Y
W
X
X
X
H
L
H
L
LL
L
D0
D0
L
LH
L
D1
D1
L
HL
L
D2
D2
L
HH
L
D3
D3
H
LL
L
D4
D4
H
LH
L
D5
D5
H
HL
L
D6
D6
H
H
H
L
D7
D7
H = high level, L= low level, X = irrelevant
D0, D1, . . . D7 = the level of the respective D input
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D0
OE
Y
GND
W
A
B
C
D1
D2
D3
D4
VCC
D5
D6
D7
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - 74AC11151_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11151D TI-74AC11151D Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151N TI-74AC11151N Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
More results

同様の説明 - 74AC11151_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74LS152 RENESAS-HD74LS152 Datasheet
157Kb / 6P
   1-of-8 Data Selector / Multiplexer
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com