データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10D1500 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC10D1500
部品情報  Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D1500 データシート(HTML) 11 Page - Texas Instruments

Back Button ADC10D1500 Datasheet HTML 7Page - Texas Instruments ADC10D1500 Datasheet HTML 8Page - Texas Instruments ADC10D1500 Datasheet HTML 9Page - Texas Instruments ADC10D1500 Datasheet HTML 10Page - Texas Instruments ADC10D1500 Datasheet HTML 11Page - Texas Instruments ADC10D1500 Datasheet HTML 12Page - Texas Instruments ADC10D1500 Datasheet HTML 13Page - Texas Instruments ADC10D1500 Datasheet HTML 14Page - Texas Instruments ADC10D1500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
VDR
DR GND
+
-
+
-
VDR
DR GND
+
-
+
-
ADC10D1000, ADC10D1500
www.ti.com
SNAS462Q – OCTOBER 2008 – REVISED MARCH 2013
Table 5. Power and Ground Balls (continued)
Ball No.
Name
Equivalent Circuit
Description
A1, A7, B2, B7,
D4, D5, E4, K1,
L1, T4, U4, U5,
GND
NONE
Ground Return for the Analog circuitry.
W2, W7, Y1, Y7,
H8:N13
F2, G2, H3, J2,
K4, L4, M2, N3,
Ground Return for the Track-and-Hold and Clock
GNDTC
NONE
P2, R2, T2, T3,
circuitry.
U1
A13, A17, A20,
D13, D16, E17,
F17, F20, M17,
GNDDR
NONE
Ground Return for the Output Drivers.
M20, U13, U17,
V18, Y13, Y17,
Y20
A9, B8, C9, V9,
GNDE
NONE
Ground Return for the Digital Encoder.
W8, Y9
Table 6. High-Speed Digital Outputs
Ball No.
Name
Equivalent Circuit
Description
Data Clock Output for the I- and Q-channel data
bus. These differential clock outputs are used to
latch the output data and, if used, should always
be terminated with a 100
Ω differential resistor
placed as closely as possible to the differential
receiver. Delayed and non-delayed data outputs
K19/K20
DCLKI+/-
are supplied synchronously to this signal. In 1:2
L19/L20
DCLKQ+/-
Demux Mode or Non-Demux Mode, this signal is
at ¼ or ½ the sampling clock rate, respectively.
DCLKI and DCLKQ are always in phase with each
other, unless one channel is powered down, and
do not require a pulse from DCLK_RST to
become synchronized.
Out-of-Range Output for the I- and Q-channel.
This differential output is asserted logic-high while
the over- or under-range condition exists, i.e. the
differential signal at each respective analog input
K17/K18
ORI+/-
exceeds the full-scale value. Each OR result
L17/L18
ORQ+/-
refers to the current Data, with which it is clocked
out. If used, each of these outputs should always
be terminated with a 100
Ω differential resistor
placed as closely as possible to the differential
receiver.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC10D1000 ADC10D1500


同様の部品番号 - ADC10D1500

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10D1500 NSC-ADC10D1500 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500 NSC-ADC10D1500 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500CIUT NSC-ADC10D1500CIUT Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500CIUT NSC-ADC10D1500CIUT Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1500NOPB NSC-ADC10D1500NOPB Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results

同様の説明 - ADC10D1500

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
ADC10D1000QML NSC-ADC10D1000QML Datasheet
2Mb / 64P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/DConverter
logo
Texas Instruments
ADC10D1000QML-SP TI-ADC10D1000QML-SP Datasheet
1Mb / 70P
[Old version datasheet]   ADC10D1000QML Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com