データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10065 データシート(PDF) 5 Page - Texas Instruments

部品番号 ADC10065
部品情報  10-Bit 65 MSPS 3V A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10065 データシート(HTML) 5 Page - Texas Instruments

  ADC10065_15 Datasheet HTML 1Page - Texas Instruments ADC10065_15 Datasheet HTML 2Page - Texas Instruments ADC10065_15 Datasheet HTML 3Page - Texas Instruments ADC10065_15 Datasheet HTML 4Page - Texas Instruments ADC10065_15 Datasheet HTML 5Page - Texas Instruments ADC10065_15 Datasheet HTML 6Page - Texas Instruments ADC10065_15 Datasheet HTML 7Page - Texas Instruments ADC10065_15 Datasheet HTML 8Page - Texas Instruments ADC10065_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ADC10065
www.ti.com
SNAS225H – JULY 2003 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VDDA, VDDIO
3.9V
Voltage on Any Pin to GND
−0.3V to VDDA or VDDIO
+0.3V
Input Current on Any Pin
±25 mA
Package Input Current (4)
±50 mA
Package Dissipation at T = 25°C
See (5)
ESD Susceptibility
Human Body Model (6)
2500V
Machine Model (6)
250V
Soldering Temperature Infrared, 10 sec. (7)
235°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = VSSA = VSSIO = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the AC
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the voltage at any pin exceeds the power supplies (VIN < VSSA or VIN > VDDA), the current at that pin should be limited to 25 mA.
The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 25 mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. In the 28-pin TSSOP, θJA is 96°C/W, so PDMAX = 1,302 mW at 25°C and 677 mW at the maximum
operating ambient temperature of 85°C. Note that the power dissipation of this device under normal operation will typically be about 68.6
mW. The values for maximum power dissipation listed above will be reached only when the ADC10065 is operated in a severe fault
condition.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
(7)
The 235°C reflow temperature refers to infrared reflow. For Vapor Phase Reflow (VPR) the following conditions apply: Maintain the
temperature at the top of the package body above 183°C for a minimum of 60 seconds. The temperature measured on the package
body must not exceed 220°C. Only one excursion above 183°C is allowed per reflow cycle.
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
VDDA (Supply Voltage)
+2.7V to +3.6V
VDDIO (Output Driver Supply Voltage)
+2.5V to VDDA
VREF
1.20V
|VSSA–VSSIO|
≤ 100 mV
Clock Duty Cycle
30 to 70 %
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the AC
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = VSSA = VSSIO = 0V, unless otherwise specified.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC10065


同様の部品番号 - ADC10065_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results

同様の説明 - ADC10065_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com