データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10062 データシート(PDF) 11 Page - Texas Instruments

部品番号 ADC10062
部品情報  10-Bit 600 ns A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10062 データシート(HTML) 11 Page - Texas Instruments

Back Button ADC10062 Datasheet HTML 7Page - Texas Instruments ADC10062 Datasheet HTML 8Page - Texas Instruments ADC10062 Datasheet HTML 9Page - Texas Instruments ADC10062 Datasheet HTML 10Page - Texas Instruments ADC10062 Datasheet HTML 11Page - Texas Instruments ADC10062 Datasheet HTML 12Page - Texas Instruments ADC10062 Datasheet HTML 13Page - Texas Instruments ADC10062 Datasheet HTML 14Page - Texas Instruments ADC10062 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ADC10061, ADC10062, ADC10064
www.ti.com
SNAS069E – JUNE 1999 – REVISED MARCH 2013
Note that the sixteen comparators used in the first flash conversion are reused for the second flash. Thus, the
multistep conversion technique used in the ADC10061, ADC10062, and ADC10064 needs only a small fraction
of the number of comparators that would be required for a traditional flash converter, and far fewer than would be
used in a conventional half-flash approach. This allows the ADC10061, ADC10062, and ADC10064 to perform
high-speed conversions without excessive power drain.
Figure 20. Block Diagram of the Multistep Converter Architecture
SIMILAR PRODUCT DIFFERENCES
The ADC1006x, ADC1046x and ADC1066x (where "x" indicates the number of multiplexer inputs) are similar
devices with different specification limits. The differences in these device families are summarized below.
Device Family
ILE, TUE, PSS
THD, SNR, ENOB
Max. Conversion Time
ADC1006x
Ensured
-
900ns
ADC1046x
-
Ensured
900ns
ADC1066x
-
Ensured
466ns
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC10061 ADC10062 ADC10064


同様の部品番号 - ADC10062

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10062 NSC-ADC10062 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10062 NSC-ADC10062 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10062 TI1-ADC10062 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10062 TI1-ADC10062 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
National Semiconductor ...
ADC10062CIWM NSC-ADC10062CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

同様の説明 - ADC10062

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com