データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC101S051-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC101S051-Q1
部品情報  Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S051-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button ADC101S051-Q1 Datasheet HTML 7Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 8Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 9Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 10Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 11Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 12Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 13Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 14Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADC101S051
www.ti.com
SNAS303I – JULY 2005 – REVISED JANUARY 2014
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 200 ksps to 500 ksps,fSCLK = 4 MHz to 10 MHz, fIN = 100 kHz unless otherwise stated.
Power Consumption vs. Throughput,
fSCLK = 10 MHz
Figure 17.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC101S051


同様の部品番号 - ADC101S051-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC101S051 NSC-ADC101S051 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

同様の説明 - ADC101S051-Q1

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051CIMF TI1-ADC101S051CIMF Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC121S051 TI1-ADC121S051_15 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com