データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SB1561 データシート(PDF) 1 Page - Rohm

部品番号 2SB1561
部品情報  Medium Power Transistor (-60V, -2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

2SB1561 データシート(HTML) 1 Page - Rohm

  2SB1561 Datasheet HTML 1Page - Rohm 2SB1561 Datasheet HTML 2Page - Rohm 2SB1561 Datasheet HTML 3Page - Rohm 2SB1561 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB1561
Transistors
Rev.A
1/3
Medium Power Transistor (−60V, −2A)
2SB1561
Features
1) Low saturation voltage , typically
VCE (sat) = −0.15V at IC / IB = −1A /
−50mA.
2) Collector-emitter voltage =
−60V
3) Pc = 2W (on 40
×40×0.7mm ceramic board).
4) Complements the 2SD2391.
External dimensions
(Unit : mm)
MPT3
(1)Base
(2)Collector
(3)Emitter
1.5
0.4
1.6
0.5
3.0
0.4
0.4
1.5
1.5
(3)
(2)
(1)
4.5
Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−60
−60
−6
−2
0.5
2
150
−55 to +150
Unit
V
V
V
A
−6
A
1
W
°C
°C
∗1 Single pulse, Pw=10ms
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
2
∗2 When mounted on a 40 40 0.7mm ceramic board.
Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE1
fT
Cob
−60
−60
−6
−0.15
200
23
−0.1
−0.1
−0.35
V
V
V
µA
µA
V
MHz
pF
IC
=−50µA
IC
=−1mA
IE
=−50µA
VCB
=−50V
VEB
=−5V
IC/IB
=−1A/−50mA
270
VCE/IC
=−2V/−0.5A
VCE
=−2V, IE=0.5A, f=100MHz
VCB
=−10V, IE=0A, f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
120
hFE2
VCE/IC
=−2V/−1.5A
45
∗ Measured using pulse current


同様の部品番号 - 2SB1561

メーカー部品番号データシート部品情報
logo
Rohm
2SB1561 ROHM-2SB1561 Datasheet
175Kb / 3P
   Medium Power Transistor (−60V, −2A)
logo
Guangdong Kexin Industr...
2SB1561-Q KEXIN-2SB1561-Q Datasheet
334Kb / 3P
   PNP Transistors
logo
Dongguan Pingjingsemi T...
2SB1561SQ PJSEMI-2SB1561SQ Datasheet
359Kb / 3P
   PNP Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Rohm
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
   Medium Power Transistor (−60V, −2A)
More results

同様の説明 - 2SB1561

メーカー部品番号データシート部品情報
logo
Rohm
2SC5866 ROHM-2SC5866 Datasheet
39Kb / 3P
   Medium power transistor (60V, 2A)
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
   Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
   Medium Power Transistor ( 60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
   Medium Power Transistor (60V, 2A)
2SC5866TLR ROHM-2SC5866TLR Datasheet
306Kb / 4P
   Medium power transistor (60V, 2A)
2SA2094 ROHM-2SA2094_11 Datasheet
934Kb / 4P
   Medium power transistor (-60V, -2A)
2SC5866 ROHM-2SC5866_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 2A)
2SC5866 ROHM-2SC5866_1 Datasheet
86Kb / 4P
   Medium power transistor (60V, 2A)
2SD2391 ROHM-2SD2391_09 Datasheet
164Kb / 3P
   Medium Power Transistor (60V, 2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com