データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10461 データシート(PDF) 1 Page - Texas Instruments

部品番号 ADC10461
部品情報  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10461 データシート(HTML) 1 Page - Texas Instruments

  ADC10461 Datasheet HTML 1Page - Texas Instruments ADC10461 Datasheet HTML 2Page - Texas Instruments ADC10461 Datasheet HTML 3Page - Texas Instruments ADC10461 Datasheet HTML 4Page - Texas Instruments ADC10461 Datasheet HTML 5Page - Texas Instruments ADC10461 Datasheet HTML 6Page - Texas Instruments ADC10461 Datasheet HTML 7Page - Texas Instruments ADC10461 Datasheet HTML 8Page - Texas Instruments ADC10461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC10461, ADC10462, ADC10464
www.ti.com
SNAS074E – JUNE 1999 – REVISED MARCH 2013
ADC10461/ADC10462/ADC10464 10-Bit 600 ns A/D Converter with Input Multiplexer and
Sample/Hold
Check for Samples: ADC10461, ADC10462, ADC10464
1
FEATURES
DESCRIPTION
NOTE: The ADC10461 and ADC10462 are obsolete.
2
Built-In Sample-and-Hold
They are described here for reference only.
Single +5V Supply
Using an innovative, patented multistep (U.S. Patent
No External Clock Required
Number 4918449) conversion technique, these 10-bit
Speed Adjust Pin for Faster Conversions
CMOS
analog-to-digital
converters
offer
sub-
(ADC10462 and ADC10464)
microsecond
conversion
times
yet
dissipate
a
maximum of only 235 mW. These converters perform
APPLICATIONS
10-bit conversion in two lower-resolution “flashes”,
yielding
a
fast
A/D
without
the
cost,
power
Digital Signal Processor Front Ends
consumption, and other problems associated with
Instrumentation
true flash approaches. Dynamic performance (THD,
Disk Drives
S/N) is ensured.
Mobile Telecommunications
The analog input voltage is sampled and held by an
internal sampling circuit. Input signals at frequencies
KEY SPECIFICATIONS
from DC to over 200 kHz can, therefore, be digitized
accurately without the need for an external sample-
Conversion Time 600 ns (Typical)
and-hold circuit.
Sampling Rate 800 kHz
The ADC10462 and ADC10464 include a “speed-up”
Low Power Consumption 235 mW (Max)
pin. Connecting an external resistor between this pin
Total Harmonic Distortion (50 kHz)
−60 dB
and ground reduces the typical conversion time to as
(Max)
little as 350 ns with only a small increase in linearity
error.
No Missing Codes Over Temperature
For
ease
of
interface
to
microprocessors,
the
ADC10461, ADC10462, and ADC10464 have been
designed to appear as a memory location or I/O port
without the need for external interface logic.
Simplified Block Diagram
*ADC10461, **ADC10462 and ADC10464, ***ADC10464; These devices are obsolete; shown for reference only.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - ADC10461

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461CIWM NSC-ADC10461CIWM Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461CIWM NSC-ADC10461CIWM Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

同様の説明 - ADC10461

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com