データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC10664CIWM データシート(PDF) 11 Page - Texas Instruments

部品番号 ADC10664CIWM
部品情報  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10664CIWM データシート(HTML) 11 Page - Texas Instruments

Back Button ADC10664CIWM Datasheet HTML 7Page - Texas Instruments ADC10664CIWM Datasheet HTML 8Page - Texas Instruments ADC10664CIWM Datasheet HTML 9Page - Texas Instruments ADC10664CIWM Datasheet HTML 10Page - Texas Instruments ADC10664CIWM Datasheet HTML 11Page - Texas Instruments ADC10664CIWM Datasheet HTML 12Page - Texas Instruments ADC10664CIWM Datasheet HTML 13Page - Texas Instruments ADC10664CIWM Datasheet HTML 14Page - Texas Instruments ADC10664CIWM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ADC10662, ADC10664
www.ti.com
SNAS076E – JUNE 1999 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The ADC10662 is obsolete. It is discussed here for reference only.
The ADC10662 and ADC10664 digitize an analog input signal to 10 bits accuracy by performing two lower-
resolution “flash” conversions. The first flash conversion provides the six most significant bits (MSBs) of data,
and the second flash conversion provides the four least significant bits LSBs).
Figure 19 is a simplified block diagram of the converter. Near the center of the diagram is a string of resistors. At
the bottom of the string of resistors are 16 resistors, each of which has a value 1/1024 the resistance of the
whole resistor string. These lower 16 resistors (the LSB Ladder) therefore have a voltage drop of 16/1024, or
1/64 of the total reference voltage (VREF+ − VREF−) across them. The remainder of the resistor string is made up
of eight groups of eight resistors connected in series. These comprise the MSB Ladder. Each section of the
MSB Ladder has
⅛ of the total reference voltage across it, and each of the LSB resistors has 1/64 of the total
reference voltage across it. Tap points across these resistors can be connected, in groups of sixteen, to the
sixteen comparators at the right of the diagram.
On the left side of the diagram is a string of seven resistors connected between VREF+ and VREF−. Six
comparators compare the input voltage with the tap voltages on this resistor string to provide a low-resolution
“estimate” of the input voltage. This estimate is then used to control the multiplexer that connects the MSB
Ladder to the sixteen comparators on the right. Note that the comparators on the left needn't be very accurate;
they simply provide an estimate of the input voltage. Only the sixteen comparators on the right and the six on the
left are necessary to perform the initial six-bit flash conversion, instead of the 64 comparators that would be
required using conventional half-flash methods.
To perform a conversion, the estimator compares the input voltage with the tap voltages on the seven resistors
on the left. The estimator decoder then determines which MSB Ladder tap points will be connected to the sixteen
comparators on the right. For example, assume that the estimator determines that VIN is between 11/16 and
13/16 of VREF. The estimator decoder will instruct the comparator MUX to connect the 16 comparators to the taps
on the MSB ladder between 10/16 and 14/16 of VREF. The 16 comparators will then perform the first flash
conversion. Note that since the comparators are connected to ladder voltages that extend beyond the range
indicated by the estimator circuit, errors in the estimator as large as 1/16 of the reference voltage (64 LSBs) will
be corrected. This first flash conversion produces the six most significant bits of data—four bits in the flash itself,
and 2 bits in the estimator.
The remaining four LSBs are now determined using the same sixteen comparators that were used for the first
flash conversion. The MSB Ladder tap voltage just below the input voltage (as determined by the first flash) is
subtracted from the input voltage and compared with the tap points on the sixteen LSB Ladder resistors. The
result of this second, four-bit flash conversion is then decoded, and the full 10-bit result is latched.
Note that the sixteen comparators used in the first flash conversion are reused for the second flash. Thus, the
multistep conversion technique used in the ADC10662 and ADC10664 needs only a small fraction of the number
of comparators that would be required for a traditional flash converter, and far fewer than would be used in a
conventional half-flash approach. This allows the ADC10662 and ADC10664 to perform high-speed conversions
without excessive power drain.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC10662 ADC10664


同様の部品番号 - ADC10664CIWM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10664CIWM NSC-ADC10664CIWM Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664CIWM TI1-ADC10664CIWM Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM TI1-ADC10664CIWM Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM-NOPB TI1-ADC10664CIWM-NOPB Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

同様の説明 - ADC10664CIWM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com