データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08B200-Q1 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC08B200-Q1
部品情報  200 MSPS A/D Converter with Capture Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button ADC08B200-Q1 Datasheet HTML 4Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 5Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 6Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 7Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 8Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 9Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 10Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 11Page - Texas Instruments ADC08B200-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for VA = VD = VP = VDR = +3.3VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 200 MHz at
50% duty cycle, OEDGE/TEN = 1, Buffer and PLL bypassed. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ =
25°C
(1)(2)
Units
Parameter
Test Conditions
Typ(3)
Limits (3)
(Limits)
fIN = 10 MHz, VIN = FS − 0.25 dB
−62
dBc
fIN = 49 MHz, VIN = FS − 0.25 dB
−63
dBc
HD3
3rd Harmonic Distortion
fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
−62
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB
−56
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
−54.6
dBc
f1 = 11 MHz, VIN = FS − 6.25 dB
IMD
Intermodulation Distortion
-50
dBc
f2 = 12 MHz, VIN = FS − 6.25 dB
POWER SUPPLY CHARACTERISTICS
DC Input
72.5
mA
IA
Analog Supply Current
fIN = 50 MHz
76.8
88.3
mA (max)
PD High
0.3
mA
DC Input, Buffer bypassed
1.2
mA
fIN = 50 MHz, Buffer bypassed
1.6
2.1
mA (max)
ID
Digital Core Supply Current
fIN = 50 MHz, 1k writing to Buffer
(4)
38
42.4
mA
PDADC High, reading Buffer (4)
1.1
mA
PD High
0.3
mA
PLL x2
8.8
10.1
mA (max)
IP
PLL Supply Current
PLL disabled
3.6
4.3
mA (max)
PD High
60
µA
DC Input
7
mA
IDR
Output Driver Supply Current
fIN = 50 MHz
41
57
mA (max)
PD High
25
µA
DC Input, Buffer bypassed, PLL x2
97.5
mA
(5)
50 MHz Input, writing to Buffer, PLL X2
IA + ID
164.6
198
mA (max)
(5)
+ IP +
Total Operating Current
IDR
PDADC = Hi, reading Buffer,
20
mA
RCLK = 200 MHz, D.C. input
PD High
0.65
mA
DC Input, Buffer & PLL bypassed
306
mW
50 MHz Input, writing to Buffer, PLL X2
543
653
mW (max)
(5)
PC
Power Consumption
PDADC High, reading Buffer, PLL disabled (5)
66
mW
PD High
2.15
mW
D.C. Power Supply Rejection
PSRR1
FSE change with 3.0V to 3.6V change in VA
48
dB
Ratio
A.C. Power Supply Rejection
PSRR2
SNR reduction with 200 mV at 10MHz on supply
TBD
dB
Ratio
(4)
This current or power is used only during the short time that the buffer is being written to or read from, depending upon the specification.
(5)
This current or power is used only during the short time that the buffer is being written to or read from, depending upon the specification.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200


同様の部品番号 - ADC08B200-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200CIVS NSC-ADC08B200CIVS Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200CIVS NSC-ADC08B200CIVS Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200EB NSC-ADC08B200EB Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
More results

同様の説明 - ADC08B200-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Analog Devices
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. D
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com