データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08D502CIYB-NOPB データシート(PDF) 8 Page - Texas Instruments

部品番号 ADC08D502CIYB-NOPB
部品情報  High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D502CIYB-NOPB データシート(HTML) 8 Page - Texas Instruments

Back Button ADC08D502CIYB-NOPB Datasheet HTML 4Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 5Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 6Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 7Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 8Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 9Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 10Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 11Page - Texas Instruments ADC08D502CIYB-NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ADC08D502
SNOSC85A – AUGUST 2012 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA, VDR)
2.2V
Supply Difference
VDR - VA
0V to 100 mV
Voltage on Any Input Pin
(Except VIN+, VIN- )
−0.15V to (VA +0.15V)
Voltage on VIN+, VIN-
(Maintaining Common Mode)
-0.15V to 2.5V
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin (4)
±25 mA
Package Input Current (4)
±50 mA
Power Dissipation at TA = 85°C
2.0 W
ESD Susceptibility (5)
Human Body Model
2500V
Machine Model
250V
Soldering Temperature, Infrared,
10 seconds (6)
235°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no specification of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two. This limit is not placed upon the power, ground and digital output pins.
(5)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
(6)
See http://www.ti.com for other methods of soldering surface mount devices.
Operating Ratings
(1) (2)
Ambient Temperature Range
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA)
+1.8V to +2.0V
Driver Supply Voltage (VDR)
+1.8V to VA
Analog Input Common Mode Voltage
VCMO ±50mV
VIN+, VIN- Voltage Range (Maintaining Common Mode)
0V to 2.15V
(100% duty cycle)
0V to 2.5V
(10% duty cycle)
Ground Difference
0V
(|GND - DR GND|)
CLK Pins Voltage Range
0V to VA
Differential CLK Amplitude
0.4VP-P to 2.0VP-P
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no specification of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
(2)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADC08D502


同様の部品番号 - ADC08D502CIYB-NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC08D502CIYB TI1-ADC08D502CIYB Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results

同様の説明 - ADC08D502CIYB-NOPB

メーカー部品番号データシート部品情報
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com