データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08831 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC08831
部品情報  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08831 データシート(HTML) 3 Page - Texas Instruments

  ADC08831 Datasheet HTML 1Page - Texas Instruments ADC08831 Datasheet HTML 2Page - Texas Instruments ADC08831 Datasheet HTML 3Page - Texas Instruments ADC08831 Datasheet HTML 4Page - Texas Instruments ADC08831 Datasheet HTML 5Page - Texas Instruments ADC08831 Datasheet HTML 6Page - Texas Instruments ADC08831 Datasheet HTML 7Page - Texas Instruments ADC08831 Datasheet HTML 8Page - Texas Instruments ADC08831 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADC08831, ADC08832
www.ti.com
SNAS015C – SEPTEMBER 1999 – REVISED MARCH 2013
Electrical Characteristics
The following specifications apply for VCC = VREF = +5VDC, and fCLK = 2 MHz unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
Units (Limits)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
TUE
Total Unadjusted Error
See(3)
±0.3
±1
LSB
(max)
Offset Error
±0.2
LSB
DNL
Differential NonLinearity
±0.2
LSB
INL
Integral NonLinearity
±0.2
LSB
FS
Full Scale Error
±0.3
LSB
RREF
Reference Input Resistance
See(4)
3.5
2.8
k
Ω (min)
5.9
k
Ω (max)
VIN
Analog Input Voltage
See(5)
(VCC + 0.05)
V (max)
(GND
− 0.05)
V (min)
DC Common-Mode Error
±¼
LSB (max)
Power Supply Sensitivity
VCC = 5V ±10%,
±¼
LSB (max)
VCC = 5V ±5%
±¼
LSB (max)
On Channel Leakage Current(6)
On Channel = 5V,
0.2
μA (max)
Off Channel = 0V
1
On Channel = 0V
−0.2
μA (min)
Off Channel = 5V
−1
Off Channel Leakage Current(7)
On Channel = 5V, Off
−0.2
μA (min)
Channel = 0V
−1
On Channel = 0V,
0.2
μA (max)
Off Channel = 5V
1
DC CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 5.0V
0.05
+1
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
0.05
−1
μA (max)
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V:
IOUT = −360 μA
2.4
V (min)
IOUT = −10 μA
4.5
V (min)
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V
0.4
V (max)
IOUT = 1.6 mA
(1)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(2)
Specified to TI's AOQL (Average Outgoing Quality Level).
(3)
Total Unadjusted Error (TUE) includes offset, full-scale, linearity, multiplexer errors.
(4)
It is not tested for the ADC08832.
(5)
For VIN(−) ≥ VIN(+) the digital code will be 0000 0000. Two on-chip diodes are tied to each analog input (see ADC08832 Functional Block
Diagram) which will forward-conduct for analog input voltages one diode drop below ground or one diode drop greater than VCC supply.
During testing at low VCC levels (e.g., 4.5V), high level analog inputs (e.g., 5V) can cause an input diode to conduct, especially at
elevated temperatures, which will cause errors for analog inputs near full-scale. The spec allows 50 mV forward bias of either diode; this
means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be correct.
Exceeding this range on an unselected channel will corrupt the reading of a selected channel. Achievement of an absolute 0 VDC to 5
VDC input voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations, initial tolerance and
loading.
(6)
Channel leakage current is measured after a single-ended channel is selected and the clock is turned off. For off channel leakage
current the following two cases are considered: one, with the selected channel tied high (5 VDC) and the remaining off channel tied low
(0 VDC), total current flow through the off channel is measured; two, with the selected channel tied low and the off channels tied high,
total current flow through the off channel is again measured. The two cases considered for determining on channel leakage current are
the same except total current flow through the selected channel is measured.
(7)
Channel leakage current is measured after a single-ended channel is selected and the clock is turned off. For off channel leakage
current the following two cases are considered: one, with the selected channel tied high (5 VDC) and the remaining off channel tied low
(0 VDC), total current flow through the off channel is measured; two, with the selected channel tied low and the off channels tied high,
total current flow through the off channel is again measured. The two cases considered for determining on channel leakage current are
the same except total current flow through the selected channel is measured.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC08831 ADC08832


同様の部品番号 - ADC08831

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IM NSC-ADC08831IM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IMM NSC-ADC08831IMM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IN NSC-ADC08831IN Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IWM NSC-ADC08831IWM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results

同様の説明 - ADC08831

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com