データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF06A-W3F-870-P データシート(PDF) 4 Page - OSRAM GmbH

部品番号 LF06A-W3F-870-P
部品情報  LINEARlight Flex Protect ADVANCED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06A-W3F-870-P データシート(HTML) 4 Page - OSRAM GmbH

  LF06A-W3F-870-P Datasheet HTML 1Page - OSRAM GmbH LF06A-W3F-870-P Datasheet HTML 2Page - OSRAM GmbH LF06A-W3F-870-P Datasheet HTML 3Page - OSRAM GmbH LF06A-W3F-870-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Flex® Protect ADVANCED G2 – LF06A-P
4/4
OPTOTRONIC
Please consider that lengths may differ if further controls are installed.
Recommended OPTOTRONIC® drivers
EAN
Recommended max. length per driver
Non-dimmable
OPTOTRONIC OT 6/200-240/24 CE
4008321113269
0,1 m - 1,2 m
OPTOTRONIC OT 8/200-240/24
4008321040169
0 m - 1,6 m
OPTOTRONIC OT 20/220-240/24
4050300618111
0,1 m - 4 m
OPTOTRONIC OT 20/120-240/24 S
4050300662626
0,2 m
⁽*⁾ - 4 m
OPTOTRONIC OT 75/220-240/24
4050300817477
0 m - 15 m
⁽**⁾
OPTOTRONIC OT 75/220-240/24 E
4008321362476
0 m - 15 m
⁽**⁾
OPTOTRONIC OT 80/220-240/24 P
4008321981684
5 m
⁽*⁾ - 16 m ⁽**⁾
OPTOTRONIC OT 120/220-240/24 P
4008321981707
12 m
⁽*⁾ ⁽**⁾ - 24 m ⁽**⁾
OPTOTRONIC OT 240/220-240/24 P
4008321981721
24 m
⁽*⁾ ⁽**⁾ - 48 m ⁽**⁾
Dimmable
OPTOTRONIC OT EASY 60 II
4008321187796
0 m - 12 m
⁽**⁾
OPTOTRONIC OT EASY 80
4008321808363
0 m - 16 m
⁽**⁾
OPTOTRONIC OT 65/220-240/24 3DIM E
4008321964403
0 m - 13 m
⁽**⁾
OPTOTRONIC OTi DALI 75/220-240/24 1-4 CH
4008321371560
0 m - 15 m
⁽**⁾
OPTOTRONIC OT 80/220-240/24 DIM P
4008321981677
5 m
⁽*⁾ - 16 m ⁽**⁾
OPTOTRONIC OT 120/220-240/24 DIM P
4008321981691
12 m
⁽*⁾ ⁽**⁾ - 24 m ⁽**⁾
OPTOTRONIC OT 240/220-240/24 DIM P
4008321981714
24 m
⁽*⁾ ⁽**⁾ - 48 m ⁽**⁾
⁽*⁾ Operation with shorter length possible. Recommended minimum length to achieve optimum operating conditions.
⁽**⁾ Total lengths per driver. Length of single strip must not exceed 10 m.
Contacts & information
German engineering meets Italian elegance
– creating a European product
All LINEARlight Flex® Protect ADVANCED are Made in Italy by OSRAM, with over 100 years of experience in light solutions.
OSRAM GmbH
Marcel-Breuer-Straße 6
80807 Munich, Germany
www.osram.com
+49.89.6213-0
Sales and technical support is given by the local OSRAM
subsidiaries.
On the OSRAM website all subsidiaries are listed with
complete address and phone numbers.
OSRAM LED Systems
www.osram.com/led-systems
OSRAM: FLEXIBLE LED MODULES
www.osram.com/flex
OSRAM catalogue
http://catalog.osram.com
General information
www.osram.com
OT
– 24V
lA
lC
lB
Maximim length per OT:
lA + lB + lC
+ …  lmax/OT
Maximum length per strip:
lA
≤ 10 m
lB
≤ 10 m
lC
≤ 10 m
l
≤ 10 m


同様の部品番号 - LF06A-W3F-870-P

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF06P2-W4F-830-P OSRAM-LF06P2-W4F-830-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF06P2-W4F-835-P OSRAM-LF06P2-W4F-835-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF06P2-W4F-840-P OSRAM-LF06P2-W4F-840-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
More results

同様の説明 - LF06A-W3F-870-P

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
VFP1300-G1 OSRAM-VFP1300-G1 Datasheet
397Kb / 4P
   Value Flex Protect
VFP600-G2 OSRAM-VFP600-G2 Datasheet
394Kb / 4P
   Value Flex Protect
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com