データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11623 データシート(PDF) 3 Page - Texas Instruments

部品番号 74AC11623
部品情報  OCTAL TRANSCEIVER WITH DUAL ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11623 データシート(HTML) 3 Page - Texas Instruments

  74AC11623 Datasheet HTML 1Page - Texas Instruments 74AC11623 Datasheet HTML 2Page - Texas Instruments 74AC11623 Datasheet HTML 3Page - Texas Instruments 74AC11623 Datasheet HTML 4Page - Texas Instruments 74AC11623 Datasheet HTML 5Page - Texas Instruments 74AC11623 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
74AC11623
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS058A − JULY 1987 − REVISED APRIL 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
V
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
−4
IOH
High-level output current
VCC = 4.5 V
−24
mA
IOH
High-level output current
VCC = 5.5 V
−24
mA
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
IOL
Low-level output current
VCC = 5.5 V
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = − 50 µA
4.5 V
4.4
4.4
IOH = − 50 µA
5.5 V
5.4
5.4
VOH
IOH = − 4 mA
3 V
2.58
2.48
V
VOH
IOH = − 24 mA
4.5 V
3.94
3.8
V
IOH = − 24 mA
5.5 V
4.94
4.8
IOH = − 75 mA†
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
OEBA or OEAB
VI = VCC or GND
5.5 V
±0.1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
Ci
OEBA or OEAB
VI = VCC or GND
5 V
4
pF
Cio
A or B ports
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.


同様の部品番号 - 74AC11623

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623 TI1-74AC11623 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623D PHILIPS-74AC11623D Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623D TI1-74AC11623D Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623DW PHILIPS-74AC11623DW Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
More results

同様の説明 - 74AC11623

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11620 TI1-74AC11620_09 Datasheet
119Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com