データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11257PWRE4 データシート(PDF) 4 Page - Texas Instruments

部品番号 74AC11257PWRE4
部品情報  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11257PWRE4 データシート(HTML) 4 Page - Texas Instruments

  74AC11257PWRE4 Datasheet HTML 1Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 2Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 3Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 4Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 5Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 6Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 7Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 8Page - Texas Instruments 74AC11257PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74AC11257
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
WITH 3-STATE OUTPUTS
SCAS049C − MARCH 1989 − REVISED MAY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
5.6
8.1
1.5
8.9
ns
tPHL
A or B
Y
1.5
6.2
9
1.5
10.1
ns
tPLH
A/B
Any Y
1.5
6.1
9.2
1.5
10.2
ns
tPHL
A/B
Any Y
1.5
6.6
10
1.5
11.2
ns
tPZH
OE
Any Y
1.5
5.6
8.2
1.5
9.1
ns
tPZL
OE
Any Y
1.5
7.5
10.4
1.5
11.8
ns
tPHZ
OE
Any Y
1.5
5.6
7.6
1.5
8.3
ns
tPLZ
OE
Any Y
1.5
6.2
8.8
1.5
9.6
ns
switching characteristics, over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
3.6
5.8
1.5
6.4
ns
tPHL
A or B
Y
1.5
4.1
6.5
1.5
7.2
ns
tPLH
A/B
Any Y
1.5
4
6.5
1.5
7.2
ns
tPHL
A/B
Any Y
1.5
4.4
7.1
1.5
7.9
ns
tPZH
OE
Any Y
1.5
3.8
5.9
1.5
6.5
ns
tPZL
OE
Any Y
1.5
5
7.6
1.5
8.6
ns
tPHZ
OE
Any Y
1.5
4.5
6.4
1.5
7.6
ns
tPLZ
OE
Any Y
1.5
4.8
6.9
1.5
7.6
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C
Power dissipation capacitance
Outputs enabled
C
50 pF
f
1 MHz
37
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 1 MHz
11
pF


同様の部品番号 - 74AC11257PWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11257PWRE4 TI-74AC11257PWRE4 Datasheet
301Kb / 12P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74AC11257PWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11258 TI1-74AC11258 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74ACT11257 TI-74ACT11257 Datasheet
99Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11258 TI1-74ACT11258 Datasheet
89Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11258 TI1-74AC11258_09 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-EP TI1-SN74LVC257A-EP Datasheet
527Kb / 12P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11257 TI-74AC11257 Datasheet
301Kb / 12P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com