データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11623D データシート(PDF) 4 Page - Texas Instruments

部品番号 74AC11623D
部品情報  OCTAL TRANSCEIVER WITH DUAL ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11623D データシート(HTML) 4 Page - Texas Instruments

  74AC11623D Datasheet HTML 1Page - Texas Instruments 74AC11623D Datasheet HTML 2Page - Texas Instruments 74AC11623D Datasheet HTML 3Page - Texas Instruments 74AC11623D Datasheet HTML 4Page - Texas Instruments 74AC11623D Datasheet HTML 5Page - Texas Instruments 74AC11623D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74AC11623
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS058A − JULY 1987 − REVISED APRIL 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.5
6.8
9.2
1.5
10.5
ns
tPHL
A or B
B or A
1.5
6.3
8.2
1.5
9.3
ns
tPZH
OEBA
A
1.5
8
10.6
1.5
12.2
ns
tPZL
OEBA
A
1.5
7.9
10.4
1.5
11.6
ns
tPHZ
OEBA
A
1.5
7
8.7
1.5
9.3
ns
tPLZ
OEBA
A
1.5
8
9.9
1.5
10.7
ns
tPZH
OEAB
B
1.5
8.2
10.4
1.5
12
ns
tPZL
OEAB
B
1.5
8.3
10.8
1.5
12.2
ns
tPHZ
OEAB
B
1.5
7
8.8
1.5
9.4
ns
tPLZ
OEAB
B
1.5
8
9.9
1.5
10.6
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.5
4.9
6.8
1.5
7.8
ns
tPHL
A or B
B or A
1.5
4.6
6.4
1.5
7.1
ns
tPZH
OEBA
A
1.5
5.8
7.9
1.5
9
ns
tPZL
OEBA
A
1.5
5.9
8.1
1.5
9.1
ns
tPHZ
OEBA
A
1.5
6.1
7.7
1.5
8.3
ns
tPLZ
OEBA
A
1.5
6.6
8.2
1.5
8.8
ns
tPZH
OEAB
B
1.5
6.2
8
1.5
9.2
ns
tPZL
OEAB
B
1.5
6.1
8.3
1.5
9.4
ns
tPHZ
OEAB
B
1.5
6.2
7.8
1.5
8.3
ns
tPLZ
OEAB
B
1.5
6.5
8.1
1.5
8.8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
49
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
9
pF


同様の部品番号 - 74AC11623D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11623D PHILIPS-74AC11623D Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623D TI1-74AC11623D Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623DW PHILIPS-74AC11623DW Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623DW TI1-74AC11623DW Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
More results

同様の説明 - 74AC11623D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11620 TI1-74AC11620_09 Datasheet
119Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com