データシートサーチシステム |
|
SN74HC10DG4 データシート(PDF) 4 Page - Texas Instruments |
|
SN74HC10DG4 データシート(HTML) 4 Page - Texas Instruments |
4 / 20 page SN54HC10, SN74HC10 TRIPLE 3INPUT POSITIVENAND GATES SCLS083D − DECEMBER 1982 − REVISED AUGUST 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC10 SN74HC10 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 35 95 145 120 tpd A, B, or C Y 4.5 V 10 19 29 24 ns tpd A, B, or C Y 6 V 9 16 25 20 ns 2 V 23 75 110 95 tt Y 4.5 V 6 15 22 19 ns tt Y 6 V 5 13 19 16 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per gate No load 25 pF PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 50% 50% 10% 10% 90% 90% VCC 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output Test Point From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. Figure 1. Load Circuit and Voltage Waveforms |
同様の部品番号 - SN74HC10DG4 |
|
同様の説明 - SN74HC10DG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |