データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC374DBR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC374DBR
部品情報  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC374DBR データシート(HTML) 4 Page - Texas Instruments

  SN74HC374DBR Datasheet HTML 1Page - Texas Instruments SN74HC374DBR Datasheet HTML 2Page - Texas Instruments SN74HC374DBR Datasheet HTML 3Page - Texas Instruments SN74HC374DBR Datasheet HTML 4Page - Texas Instruments SN74HC374DBR Datasheet HTML 5Page - Texas Instruments SN74HC374DBR Datasheet HTML 6Page - Texas Instruments SN74HC374DBR Datasheet HTML 7Page - Texas Instruments SN74HC374DBR Datasheet HTML 8Page - Texas Instruments SN74HC374DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN54HC374, SN74HC374
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS141E − DECEMBER 1982 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC374
SN74HC374
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4
5
fclock
Clock frequency
4.5 V
30
20
24
MHz
fclock
Clock frequency
6 V
35
24
28
MHz
2 V
80
120
100
tw
Pulse duration, CLK high or low
4.5 V
16
24
20
ns
tw
Pulse duration, CLK high or low
6 V
14
20
17
ns
2 V
100
150
125
tsu
Setup time, data before CLK
4.5 V
20
30
25
ns
tsu
Setup time, data before CLK
6 V
17
25
21
ns
2 V
10
13
12
th
Hold time, data after CLK
4.5 V
5
5
5
ns
th
Hold time, data after CLK
6 V
5
5
5
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC374
SN74HC374
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
12
4
5
fmax
4.5 V
30
60
20
24
MHz
fmax
6 V
35
70
24
28
MHz
2 V
63
180
270
225
tpd
CLK
Any Q
4.5 V
17
36
54
45
ns
tpd
CLK
Any Q
6 V
15
31
46
38
ns
2 V
60
150
225
190
ten
OE
Any Q
4.5 V
16
30
45
38
ns
ten
OE
Any Q
6 V
14
26
38
32
ns
2 V
36
150
225
190
tdis
OE
Any Q
4.5 V
17
30
45
38
ns
tdis
OE
Any Q
6 V
16
26
38
32
ns
2 V
28
60
90
75
tt
Any Q
4.5 V
8
12
18
15
ns
tt
Any Q
6 V
6
10
15
13
ns


同様の部品番号 - SN74HC374DBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC374DBR TI-SN74HC374DBR Datasheet
304Kb / 15P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74HC374DBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com