データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS574BDWR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ALS574BDWR
部品情報  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS574BDWR データシート(HTML) 1 Page - Texas Instruments

  SN74ALS574BDWR Datasheet HTML 1Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 2Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 3Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 4Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 5Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 6Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 7Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 8Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN54ALS574B, SN54AS574, SN54AS575
SN74ALS574B, SN74ALS575A, SN74AS574, SN74AS575
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SDAS165B – JUNE 1982 – REVISED JULY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3-State Buffer-Type Noninverting Outputs
Drive Bus Lines Directly
Bus-Structured Pinout
Buffered Control Inputs
SN74ALS575A and ′AS575 Have
Synchronous Clear
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), Standard Plastic (N, NT)
and Ceramic (J, JT) 300-mil DIPs, and
Ceramic Flat (W) Packages
description
These octal D-type edge-triggered flip-flops
feature 3-state outputs designed specifically for
bus driving. They are particularly suitable for
implementing
buffer
registers,
I/O
ports,
bidirectional bus drivers, and working registers.
The eight flip-flops enter data on the low-to-high
transition
of
the
clock
(CLK)
input.
The
SN74ALS575A, SN54AS575, and SN74AS575
may be synchronously cleared by taking the clear
(CLR) input low.
The output-enable (OE) input does not affect
internal operations of the flip-flops. Old data can
be retained or new data can be entered while the
outputs are in the high-impedance state.
The
SN54ALS574B,
SN54AS574,
and
SN54AS575 are characterized for operation over
the full military temperature range of – 55
°C to
125
°C. The SN74ALS574B, SN74ALS575A,
SN74AS574, and SN74AS575 are characterized
for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CLK
SN54ALS574B, SN54AS574 ...J OR W PACKAGE
SN74ALS574B, SN74AS574 . . . DW OR N PACKAGE
(TOP VIEW)
32 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN54ALS574B, SN54AS574 . . . FK PACKAGE
(TOP VIEW)
SN54AS575 . . . JT OR W PACKAGE
SN74ALS575A, SN74AS575 . . . DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLR
OE
1D
2D
3D
4D
5D
6D
7D
8D
NC
GND
VCC
NC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CLK
NC
SN54AS575 ...FK PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
2Q
3Q
4Q
NC
5Q
6Q
7Q
2D
3D
4D
NC
5D
6D
7D
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - SN74ALS574BDWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS574BDW TI-SN74ALS574BDW Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALS574BDWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com