データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT11898 データシート(PDF) 5 Page - Texas Instruments

部品番号 74ACT11898
部品情報  10-bit serial-in parallel-out shift register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11898 データシート(HTML) 5 Page - Texas Instruments

  74ACT11898 Datasheet HTML 1Page - Texas Instruments 74ACT11898 Datasheet HTML 2Page - Texas Instruments 74ACT11898 Datasheet HTML 3Page - Texas Instruments 74ACT11898 Datasheet HTML 4Page - Texas Instruments 74ACT11898 Datasheet HTML 5Page - Texas Instruments 74ACT11898 Datasheet HTML 6Page - Texas Instruments 74ACT11898 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
74AC11898
10BIT PARALLELOUT SERIAL SHIFT REGISTER
SCAS143 − OCTOBER 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−5
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
40
60
40
MHz
tPHL
CLR
Any Q
4.1
9.4
11.7
4.1
13
ns
tPLH
CLK
Any Q
3.3
8.2
10.7
3.3
11.9
ns
tPHL
CLK
Any Q
3.9
8.9
10.8
3.9
12.2
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
60
90
60
MHz
tPHL
CLR
Any Q
3.8
6.7
9.1
3.8
10.3
ns
tPLH
CLK
Any Q
2.7
5.5
7.9
2.7
8.1
ns
tPHL
CLK
Any Q
3.1
6.3
8.6
3.1
10
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
122
pF


同様の部品番号 - 74ACT11898

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ACT11898 PHILIPS-74ACT11898 Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898 TI1-74ACT11898 Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
NXP Semiconductors
74ACT11898D PHILIPS-74ACT11898D Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898DW TI1-74ACT11898DW Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
NXP Semiconductors
74ACT11898N PHILIPS-74ACT11898N Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
More results

同様の説明 - 74ACT11898

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11898 PHILIPS-74AC11898 Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898 TI1-74ACT11898 Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com