データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KFF6401A データシート(PDF) 1 Page - CTS Corporation

部品番号 KFF6401A
部品情報  Rugged mount, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTS [CTS Corporation]
ホームページ  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6401A データシート(HTML) 1 Page - CTS Corporation

  KFF6401A Datasheet HTML 1Page - CTS Corporation KFF6401A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KFF6401A
1575.4 MHz GPS BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Low Loss
• Excellent Return Loss
• High Rejection
Description
Rugged mount, silver (Ag) coated ceramic
filter. Developed for use in Commercial
and Military GPS applications.
Weight: 11.0 grams typical
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency
(MHz)
Typical @ 25ºC
Spec. @
25ºC
Passband Insertion Loss
1565.4-1585.4
0.8 dB
1.0 dB max
Passband Return Loss
1500.4
19.0 dB
12.0 dB min
Attenuation
1650.4
34.0 dB
29.0 dB min
Power Rating
1W
Impedance
50
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


同様の部品番号 - KFF6401A

メーカー部品番号データシート部品情報
logo
CTS Corporation
KFF6402A CTS-KFF6402A Datasheet
425Kb / 2P
   KFF6402A
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6403A CTS-KFF6403A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6407A CTS-KFF6407A Datasheet
72Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
More results

同様の説明 - KFF6401A

メーカー部品番号データシート部品情報
logo
CTS Corporation
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6403A CTS-KFF6403A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6136A CTS-KFF6136A Datasheet
68Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6138A CTS-KFF6138A Datasheet
75Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6050A CTS-KFF6050A Datasheet
79Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6407A CTS-KFF6407A Datasheet
72Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6668A CTS-KFF6668A Datasheet
68Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com