データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT11132 データシート(PDF) 1 Page - Texas Instruments

部品番号 74ACT11132
部品情報  QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11132 データシート(HTML) 1 Page - Texas Instruments

  74ACT11132_09 Datasheet HTML 1Page - Texas Instruments 74ACT11132_09 Datasheet HTML 2Page - Texas Instruments 74ACT11132_09 Datasheet HTML 3Page - Texas Instruments 74ACT11132_09 Datasheet HTML 4Page - Texas Instruments 74ACT11132_09 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74ACT11132
QUADRUPLE POSITIVENAND GATE
WITH SCHMITT TRIGGER INPUTS
SCAS177 − D3974, JANUARY 1992 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Inputs Are TTL-Voltage Compatible
Center-Pin V
CC and GND Pin Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This device contains four independent 2-input NAND gates with Schmitt-trigger inputs. Because of the Schmitt
action, they have different input threshold levels for positive- and negative-going signals. Each gate performs
the Boolean function Y = A
•B or Y = A+B in positive logic.
The 74ACT11132 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic symbol
logic diagram (positive logic)
1Y
2
1
1A
16
1B
15
2A
14
2B
11
3A
10
3B
9
4A
8
4B
2Y
3
3Y
6
4Y
7
&
1A
1B
1
16
1Y
2A
2B
15
14
2Y
3A
3B
11
10
3Y
4A
4B
9
8
4Y
2
3
6
7
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
4Y
4B
1B
2A
2B
VCC
VCC
3A
3B
4A
D OR N PACKAGE
(TOP VIEW)
EPIC is a trademark of Texas Instruments Incorporated.


同様の部品番号 - 74ACT11132_09

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ACT11132D PHILIPS-74ACT11132D Datasheet
132Kb / 5P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
October 20 1989
logo
Texas Instruments
74ACT11132DR TI-74ACT11132DR Datasheet
65Kb / 5P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74ACT11132N PHILIPS-74ACT11132N Datasheet
132Kb / 5P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
October 20 1989
More results

同様の説明 - 74ACT11132_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC132-Q1 TI1-SN74HC132-Q1_15 Datasheet
812Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
74ACT11132 TI-74ACT11132 Datasheet
65Kb / 5P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
SN74LV132ADGVR TI-SN74LV132ADGVR Datasheet
317Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com