データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT16373 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHCT16373
部品情報  16-Bit Transparent D-Type Latches With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT16373 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AHCT16373 Datasheet HTML 2Page - Texas Instruments SN74AHCT16373 Datasheet HTML 3Page - Texas Instruments SN74AHCT16373 Datasheet HTML 4Page - Texas Instruments SN74AHCT16373 Datasheet HTML 5Page - Texas Instruments SN74AHCT16373 Datasheet HTML 6Page - Texas Instruments SN74AHCT16373 Datasheet HTML 7Page - Texas Instruments SN74AHCT16373 Datasheet HTML 8Page - Texas Instruments SN74AHCT16373 Datasheet HTML 9Page - Texas Instruments SN74AHCT16373 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN54AHCT16373, SN74AHCT16373
SCLS336I – JANUARY 2000 – REVISED AUGUST 2014
www.ti.com
7.4 Thermal Information
SN74AHCT16373
THERMAL METRIC(1)
DGG
DGV
DL
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
69.9
80.9
61.4
RθJC(top)
Junction-to-case (top) thermal resistance
24.2
32.8
31.4
RθJB
Junction-to-board thermal resistance
26.9
44.0
33.2
°C/W
ψJT
Junction-to-top characterization parameter
1.9
3.3
9.0
ψJB
Junction-to-board characterization parameter
36.6
43.4
32.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
TA = 25°C
SN54AHCT16373(1)
SN74AHCT16373
SN74AHCT16373
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.4
4.5
4.4
4.4
4.4
VOH
4.5 V
V
IOH = –8 mA
3.94
3.8
3.8
3.8
IOL = 50 µA
0.1
0.1
0.1
0.1
VOL
4.5 V
V
IOL = 8 mA
0.36
0.44
0.44
0.44
0 V to
II
VI = VCC or GND
±0.1
±1(2)
±1
±1
µA
5.5 V
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
±2.5
±2.5
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
4
40
40
40
µA
One input at 3.4 V,
ΔICC
(3)
Other inputs at VCC or
5.5 V
1.35
1.5
1.5
1.5
mA
GND
Ci
VI = VCC or GND
5 V
2.5
10
10
pF
Co
VO = VCC or GND
5 V
4.5
pF
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
(3)
This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.
7.6 Timing Requirements
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
TA = –40°C to 125°C
TA = 25°C
SN54AHCT16373(1)
SN74AHCT16373
SN74AHCT16373
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
6.5
6.5
6.5
6.5
ns
tsu
Setup time, data before LE
1.5
1.5
1.5
1.5
ns
th
Hold time, data after LE
3.5
3.5
3.5
3.5
ns
(1)
Product Preview
6
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT16373 SN74AHCT16373


同様の部品番号 - SN74AHCT16373

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT16373 TI-SN74AHCT16373 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373 TI-SN74AHCT16373 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373 TI-SN74AHCT16373 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373DGG TI-SN74AHCT16373DGG Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373DGGR TI-SN74AHCT16373DGGR Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AHCT16373

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com