データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC1G126DCKT データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC1G126DCKT
部品情報  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G126DCKT データシート(HTML) 2 Page - Texas Instruments

  SN74AHC1G126DCKT Datasheet HTML 1Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 2Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 3Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 4Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 5Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 6Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 7Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 8Page - Texas Instruments SN74AHC1G126DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN74AHC1G126
SCLS379K – AUGUST 1997 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 8
9.1
Overview ................................................................... 8
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 8
3
Description ............................................................. 1
9.3
Feature Description................................................... 8
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 8
5
Revision History..................................................... 2
10
Application and Implementation.......................... 9
6
Pin Configuration and Functions ......................... 3
10.1
Application Information............................................ 9
7
Specifications......................................................... 4
10.2
Typical Application ................................................. 9
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 10
7.2
ESD Ratings ............................................................ 4
12
Layout................................................................... 11
7.3
Recommended Operating Conditions ....................... 4
12.1
Layout Guidelines ................................................. 11
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 11
7.5
Electrical Characteristics........................................... 5
13
Device and Documentation Support ................. 11
7.6
Switching Characteristics, VCC = 3.3 V ± 0.3 V ........ 5
13.1
Trademarks ........................................................... 11
7.7
Switching Characteristics, VCC = 5 V ± 0.5 V ........... 6
13.2
Electrostatic Discharge Caution ............................ 11
7.8
Operating Characteristics.......................................... 6
13.3
Glossary ................................................................ 11
7.9
Typical Characteristics .............................................. 6
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 7
Information ........................................................... 11
5 Revision History
Changes from Revision J (June 2005) to Revision K
Page
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Deleted Ordering Information table. ....................................................................................................................................... 1
Changed MAX operating temperature to 125°C in Recommended Operating Conditions table. .......................................... 4
2
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G126


同様の部品番号 - SN74AHC1G126DCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC1G126DCKT TI-SN74AHC1G126DCKT Datasheet
168Kb / 9P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G126DCKT TI-SN74AHC1G126DCKT Datasheet
482Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G126DCKT TI1-SN74AHC1G126DCKT Datasheet
955Kb / 16P
[Old version datasheet]   SN74AHC1G126 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

同様の説明 - SN74AHC1G126DCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com