データシートサーチシステム |
|
SN74ABT162244 データシート(PDF) 1 Page - Texas Instruments |
|
|
SN74ABT162244 データシート(HTML) 1 Page - Texas Instruments |
1 / 15 page SN54ABT162244, SN74ABT162244 16BIT BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCBS238E − JUNE 1992 − REVISED JUNE 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus E Family D Output Ports Have Equivalent 25-Ω Series Resistors, So No External Resistors Are Required D Typical VOLP (Output Ground Bounce) <1 V at VCC = 5 V, TA = 25°C D High-Impedance State During Power Up and Power Down D Ioff and Power-Up 3-State Support Hot Insertion D Distributed VCC and GND Pins Minimize High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D Latch-Up Performance Exceeds 500 mA Per JESD-17 description/ordering information The ’ABT162244 devices are 16-bit buffers and line drivers designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. These devices can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. These devices provide noninverting outputs and symmetrical active-low output-enable (OE) inputs. The outputs, which are designed to source or sink up to 12 mA, include equivalent 25- Ω series resistors to reduce overshoot and undershoot. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SSOP − DL Tube SN74ABT162244DL ABT162244 −40 °C to 85°C SSOP − DL Tape and reel SN74ABT162244DLR ABT162244 −40 °C to 85°C TSSOP − DGG Tape and reel SN74ABT162244DGGR ABT162244 TVSOP − DGV Tape and reel SN74ABT162244DGVR AH2244 −55 °C to 125°C CFP − WD Tube SNJ54ABT162244WD SNJ54ABT162244WD † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Widebus is a trademark of Texas Instruments. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54ABT162244 . . . WD PACKAGE SN74ABT162244 . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 1Y1 1Y2 GND 1Y3 1Y4 VCC 2Y1 2Y2 GND 2Y3 2Y4 3Y1 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 4OE 2OE 1A1 1A2 GND 1A3 1A4 VCC 2A1 2A2 GND 2A3 2A4 3A1 3A2 GND 3A3 3A4 VCC 4A1 4A2 GND 4A3 4A4 3OE On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
同様の部品番号 - SN74ABT162244 |
|
同様の説明 - SN74ABT162244 |