データシートサーチシステム |
|
LM124ADR データシート(PDF) 10 Page - Texas Instruments |
|
LM124ADR データシート(HTML) 10 Page - Texas Instruments |
10 / 40 page To Other Amplifiers ≈6- A µ Current Regulator VCC OUT GND IN− IN+ ≈100- A µ Current Regulator ≈50- A µ Current Regulator COMPONENT COUNT (total device) Epi-FET Transistors Diodes Resistors Capacitors 1 95 4 11 4 ≈6- A µ Current Regulator † ESD protection cells - available on LM324K and LM324KA only † † LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902 LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015 www.ti.com 8 Detailed Description 8.1 Overview These devices consist of four independent high-gain frequency-compensated operational amplifiers that are designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the difference between the two supplies is 3 V to 32 V (3 V to 26 V for the LM2902 device), and VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage. Applications include transducer amplifiers, DC amplification blocks, and all the conventional operational-amplifier circuits that now can be more easily implemented in single-supply-voltage systems. For example, the LM124 device can be operated directly from the standard 5-V supply that is used in digital systems and provides the required interface electronics, without requiring additional ±15-V supplies. 8.2 Functional Block Diagram 10 Submit Documentation Feedback Copyright © 1975–2015, Texas Instruments Incorporated Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224 LM224A LM2902V LM2902K LM2902KV LM2902KAV |
同様の部品番号 - LM124ADR |
|
同様の説明 - LM124ADR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |